| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L9952GXP Datasheet(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9952GXP Datasheet(HTML) 30 Page - STMicroelectronics |
|
30 / 68 page ![]() Thermal data L9952GXP 30/68 Doc ID 13518 Rev 5 6 Thermal data 6.1 Operating junction temperature 6.2 Temperature warning and thermal shutdown Table 7. Operating junction temperature Item Symbol Parameter Value Unit 6.1.1 Tj Operating junction temperature - 40 to 150 °C 6.1.2 RthjA Thermal resistance junction- ambient See Figure 10. °C/W Table 8. Temperature warning and thermal shutdown Item Symbol Parameter Min. Typ. Max. Unit 6.2.1 TW ON Thermal over temperature warning threshold Tj (1) 1. Non-overlapping 120 130 140 °C 6.2.2 TSD1 OFF Thermal shutdown junction temperature 1 Tj (1) 130 140 150 °C 6.2.3 TSD2OFF Thermal shutdown junction temperature 2 Tj (1) 140 155 170 °C 6.2.4 TSD2 ON Hysteresis 5 °C 6.2.5 TSD12hys |