| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL072CPWRG4 Datasheet(PDF) 14 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL072CPWRG4 Datasheet(HTML) 14 Page - Texas Instruments |
|
14 / 40 page ![]() TL071, TL071A, TL071B, TL072 TL072A, TL072B, TL074, TL074A, TL074B LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS SLOS080J − SEPTEMBER 1978 − REVISED MARCH 2005 14 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† Figure 14 −75 83 TA − Free-Air Temperature − °C 125 89 −50 −25 0 25 50 75 100 84 85 86 87 88 VCC± = ±15 V RL = 10 kΩ COMMON-MODE REJECTION RATIO vs FREE-AIR TEMPERATURE Figure 15 0 0 |VCC±| − Supply Voltage − V 16 2 2 4 6 8 10 12 14 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 TA = 25°C No Signal No Load SUPPLY CURRENT PER AMPLIFIER vs SUPPLY VOLTAGE Figure 16 −75 0 TA − Free-Air Temperature − °C 125 2 −50 −25 0 25 50 75 100 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 VCC± = ±15 V No Signal No Load SUPPLY CURRENT PER AMPLIFIER vs FREE-AIR TEMPERATURE Figure 17 −75 0 TA − Free-Air Temperature − °C 125 250 −50 −25 0 25 50 75 100 25 50 75 100 125 150 175 200 225 VCC± = ±15 V No Signal No Load TL074 TL071 TOTAL POWER DISSIPATION vs FREE-AIR TEMPERATURE TL072 † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |