Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL1431QLPR Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TL1431QLPR
Descripción Electrónicos  PRECISION PROGRAMMABLE REFERENCE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TL1431QLPR Datasheet(HTML) 2 Page - Texas Instruments

  TL1431QLPR Datasheet HTML 1Page - Texas Instruments TL1431QLPR Datasheet HTML 2Page - Texas Instruments TL1431QLPR Datasheet HTML 3Page - Texas Instruments TL1431QLPR Datasheet HTML 4Page - Texas Instruments TL1431QLPR Datasheet HTML 5Page - Texas Instruments TL1431QLPR Datasheet HTML 6Page - Texas Instruments TL1431QLPR Datasheet HTML 7Page - Texas Instruments TL1431QLPR Datasheet HTML 8Page - Texas Instruments TL1431QLPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
REF
ANODE
CATHODE
+
−
CATHODE
ANODE
REF
Vref
TL1431
PRECISION PROGRAMMABLE REFERENCE
SLVS062L – DECEMBER 1991 – REVISED OCTOBER 2007
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PowerFLEX™ – KTP
Reel of 3000
TL1431CKTPR
OBSOLETE
Tube of 75
TL1431CD
SOIC – D
1431C
Reel of 2500
TL1431CDR
0
°C to 70°C
Bulk of 1000
TL1431CLP
TO-226 / TO-92 – LP
TL1431C
Reel of 2000
TL1431CLPR
Tube of 150
TL1431CPW
TSSOP – PW
T1431
Reel of 2000
TL1431CPWR
Tube of 75
TL1431QD
SOIC – D
TL1431QD
Reel of 2500
TL1431QDR
–40
°C to 125°C
Tube of 150
TL1431QPW
TSSOP – PW
T1431QPW
Reel of 2000
TL1431QPWR
CDIP – JG
Tube of 50
TL1431MJG
TL1431MJG
–55
°C to 125°C
LCCC – FK
Tube of 55
TL1431MFK
TL1431MFK
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
SYMBOL
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 1991–2007, Texas Instruments Incorporated
Product Folder Link(s): TL1431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com