Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL1431QLP Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TL1431QLP
Descripción Electrónicos  PRECISION PROGRAMMABLE REFERENCE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TL1431QLP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL1431QLP Datasheet HTML 5Page - Texas Instruments TL1431QLP Datasheet HTML 6Page - Texas Instruments TL1431QLP Datasheet HTML 7Page - Texas Instruments TL1431QLP Datasheet HTML 8Page - Texas Instruments TL1431QLP Datasheet HTML 9Page - Texas Instruments TL1431QLP Datasheet HTML 10Page - Texas Instruments TL1431QLP Datasheet HTML 11Page - Texas Instruments TL1431QLP Datasheet HTML 12Page - Texas Instruments TL1431QLP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
www.ti.com
− 1
− 2
− 4
− 5
− 6
3
− 3
0
2
4
6
1
0
2
t − Time − s
EQUIVALENT INPUT-NOISE VOLTAGE
OVER A 10-SECOND PERIOD
4
8
10
5
6
+
−
+
−
TEST CIRCUIT FOR 0.1-Hz TO 10-Hz EQUIVALENT INPUT-NOISE VOLTAGE
f = 0.1 to 10 Hz
IKA = 10 mA
TA = 25°C
19.1 V
1 k
Ω
910
Ω
500
µF
2000
µF
VCC
VCC
VEE
VEE
TL1431
(DUT)
820
Ω
16
Ω
160 k
Ω
0.1
µF
16
Ω
16
Ω
1
µF
1
µF
33 k
Ω
33 k
Ω
2.2
µF
TLE2027
AV = 2 V/V
1 M
Ω
CRO
TLE2027
AV = 10 V/mV
TL1431
PRECISION PROGRAMMABLE REFERENCE
SLVS062L – DECEMBER 1991 – REVISED OCTOBER 2007
Figure 11.
Copyright © 1991–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TL1431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com