Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NJU7026 Datasheet(PDF) 7 Page - New Japan Radio

No. de pieza NJU7026
Descripción Electrónicos  Small Package, 13關A, Rail-to-Rail Output Single CMOS Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NJRC [New Japan Radio]
Página de inicio  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7026 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU7026 Datasheet HTML 2Page - New Japan Radio NJU7026 Datasheet HTML 3Page - New Japan Radio NJU7026 Datasheet HTML 4Page - New Japan Radio NJU7026 Datasheet HTML 5Page - New Japan Radio NJU7026 Datasheet HTML 6Page - New Japan Radio NJU7026 Datasheet HTML 7Page - New Japan Radio NJU7026 Datasheet HTML 8Page - New Japan Radio NJU7026 Datasheet HTML 9Page - New Japan Radio NJU7026 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJU7026
- 7 -
E0 20100202
■
TYPICAL CHARACTERISTICS
Input Offset Voltage vs. Temperature
VICM=VDD/2
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
VDD=3V
VDD=1.8V
VDD=5V
Supply Current vs. Temperature
GV=0dB, VICM=VDD/2
0
2
4
6
8
10
12
14
16
-50
-25
0
255075
100
125
Ambient Temperature [°C]
VDD=3V
VDD=1.8V
VDD=5V
Supply Current vs. Supply Voltage
GV=0dB, VICM=VDD/2
0
2
4
6
8
10
12
14
16
01
23
456
7
Supply Voltage [V]
Ta=25°C
Ta=-40°C
Ta=85°C
Input Offset Voltage vs. Common-Mode Voltage
VDD=3V
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
Common-Mode Voltage [V]
Ta=-40°C
Ta=25°C
Ta=85°C
Input Offset Voltage Distribution
VDD=3V, VICM=0V, Ta=25°C
0
10
20
30
40
50
-4.5 -3.5 -2.5 -1.5 -0.5 0.5 1.5
2.5 3.5 4.5
Input Offset Voltage [mV]
N=100pcs
Input Offset Voltage Drift Distribution
VDD=3V, VICM=0V, Ta=-40°C to 85°C
0
10
20
30
40
50
-5.5 -4.5 -3.5 -2.5 -1.5 -0.5 0.5 1.5 2.5 3.5 4.5 5.5
Input Offset Voltage Drift [μV/°C]
N=100pcs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com