Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC8308CVMAGDA Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

No. de pieza MPC8308CVMAGDA
Descripción Electrónicos  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308CVMAGDA Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MPC8308CVMAGDA Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8308CVMAGDA Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8308CVMAGDA Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8308CVMAGDA Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8308CVMAGDA Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8308CVMAGDA Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8308CVMAGDA Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8308CVMAGDA Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8308CVMAGDA Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 1
66
Freescale Semiconductor
Package and Pin Listings
MEMC_MCAS
C5
O
GVDDB
MEMC_MCS[0]
B6
O
GVDDB
MEMC_MCS[1]
C6
O
GVDDB
MEMC_MCKE
H3
O
GVDDB
3
MEMC_MCK [0]
A3
O
GVDDB
MEMC_MCK [1]
U2
O
GVDDB
MEMC_MCK [2]
G1
O
GVDDB
MEMC_MCK [0]
A4
O
GVDDB
MEMC_MCK [1]
U1
O
GVDDB
MEMC_MCK [2]
H1
O
GVDDB
MEMC_MODT[0]
A5
O
GVDDB
MEMC_MODT[1]
B5
O
GVDDB
MEMC_MECC[0]
L4
I/O
GVDDB
MEMC_MECC[1]
L6
I/O
GVDDB
MEMC_MECC[2]
K4
I/O
GVDDB
MEMC_MECC[3]
K3
I/O
GVDDB
MEMC_MECC[4]
J2
I/O
GVDDB
MEMC_MECC[5]
K6
I/O
GVDDB
MEMC_MECC[6]
J3
I/O
GVDDB
MEMC_MECC[7]
J6
I/O
GVDDB
MVREF
G6
I
GVDDB
Local Bus Controller Interface
LD0
U18
I/O
NVDDP_K
8
LD1
V18
I/O
NVDDP_K
8
LD2
U16
I/O
NVDDP_K
8
LD3
Y20
I/O
NVDDP_K
8
LD4
AA21
I/O
NVDDP_K
8
LD5
AC22
I/O
NVDDP_K
8
LD6
V17
I/O
NVDDP_K
8
LD7
AB21
I/O
NVDDP_K
8
LD8
Y19
I/O
NVDDP_K
8
LD9
AA20
I/O
NVDDP_K
8
LD10
Y17
I/O
NVDDP_K
8
Table 53. MPC8308 Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com