Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL431CDBVR Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TL431CDBVR
Descripción Electrónicos  PRECISION PROGRAMMABLE REFERENCE
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TL431CDBVR Datasheet(HTML) 55 Page - Texas Instruments

Back Button TL431CDBVR Datasheet HTML 51Page - Texas Instruments TL431CDBVR Datasheet HTML 52Page - Texas Instruments TL431CDBVR Datasheet HTML 53Page - Texas Instruments TL431CDBVR Datasheet HTML 54Page - Texas Instruments TL431CDBVR Datasheet HTML 55Page - Texas Instruments TL431CDBVR Datasheet HTML 56Page - Texas Instruments TL431CDBVR Datasheet HTML 57Page - Texas Instruments TL431CDBVR Datasheet HTML 58Page - Texas Instruments TL431CDBVR Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 75 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TL431CDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL431CPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL431CPSR
SO
PS
8
2000
330.0
16.4
8.2
6.6
2.5
12.0
16.0
Q1
TL431CPWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
TL431IDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TL431IDBVT
SOT-23
DBV
5
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TL431IDBZR
SOT-23
DBZ
3
3000
180.0
9.2
3.18
3.28
1.32
4.0
8.0
Q3
TL431IDBZT
SOT-23
DBZ
3
250
180.0
9.2
3.18
3.28
1.32
4.0
8.0
Q3
TL431IDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL431IPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL431QDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TL431QDBVT
SOT-23
DBV
5
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TL431QDBZR
SOT-23
DBZ
3
3000
180.0
9.2
3.18
3.28
1.32
4.0
8.0
Q3
TL431QDBZT
SOT-23
DBZ
3
250
180.0
9.2
3.18
3.28
1.32
4.0
8.0
Q3
TL431QDCKR
SC70
DCK
6
3000
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
TL431QDCKT
SC70
DCK
6
250
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
TL431QDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL432ACDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TL432ACDBZR
SOT-23
DBZ
3
3000
180.0
9.2
3.18
3.28
1.32
4.0
8.0
Q3
TL432ACDBZT
SOT-23
DBZ
3
250
180.0
9.2
3.18
3.28
1.32
4.0
8.0
Q3
TL432ACPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL432AIDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TL432AIDBZR
SOT-23
DBZ
3
3000
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
TL432AIDBZR
SOT-23
DBZ
3
3000
180.0
9.2
3.18
3.28
1.32
4.0
8.0
Q3
TL432AIDBZT
SOT-23
DBZ
3
250
180.0
9.2
3.18
3.28
1.32
4.0
8.0
Q3
TL432AIDBZT
SOT-23
DBZ
3
250
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
TL432AIPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL432AQDBVR
SOT-23
DBV
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TL432AQDBVT
SOT-23
DBV
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TL432AQDBZR
SOT-23
DBZ
3
3000
180.0
9.2
3.18
3.28
1.32
4.0
8.0
Q3
TL432AQDBZT
SOT-23
DBZ
3
250
180.0
9.2
3.18
3.28
1.32
4.0
8.0
Q3
TL432AQPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL432BCDBVR
SOT-23
DBV
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TL432BCDBZR
SOT-23
DBZ
3
3000
180.0
9.2
3.18
3.28
1.32
4.0
8.0
Q3
TL432BCDBZT
SOT-23
DBZ
3
250
180.0
9.2
3.18
3.28
1.32
4.0
8.0
Q3
TL432BCPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL432BIDBVR
SOT-23
DBV
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TL432BIDBZR
SOT-23
DBZ
3
3000
180.0
9.2
3.18
3.28
1.32
4.0
8.0
Q3
TL432BIDBZT
SOT-23
DBZ
3
250
180.0
9.2
3.18
3.28
1.32
4.0
8.0
Q3
TL432BIPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL432BQDBVR
SOT-23
DBV
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TL432BQDBVT
SOT-23
DBV
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TL432BQDBZR
SOT-23
DBZ
3
3000
180.0
9.2
3.18
3.28
1.32
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
28-Sep-2009
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75