| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCS12 Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc |
|
104 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 104 Freescale Semiconductor Operation: (B) + (M) + C ⇒ B Description: Adds the content of accumulator B to the content of memory location M, then adds the value of the C bit and places the result in B. This instruction affects the H status bit, so it is suitable for use in BCD arithmetic operations. See DAA instruction for additional information. ADCB Add with Carry to B ADCB CCR Details: S X HIN Z V C –– ∆ – ∆∆∆∆ H: X3 • M3 + M3 • R3 + R3 • X3 Set if there was a carry from bit 3; cleared otherwise N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: X7 • M7 • R7 + X7 • M7 • R7 Set if two’s complement overflow resulted from the operation; cleared otherwise C: X7 • M7 + M7 • R7 + R7 • X7 Set if there was a carry from the MSB of the result; cleared otherwise Source Form Address Mode Object Code Access Detail HCS12 M68HC12 ADCB #opr8i ADCB opr8a ADCB opr16a ADCB oprx0_xysp ADCB oprx9,xysp ADCB oprx16,xysp ADCB [D,xysp] ADCB [oprx16,xysp] IMM DIR EXT IDX IDX1 IDX2 [D,IDX] [IDX2] C9 ii D9 dd F9 hh ll E9 xb E9 xb ff E9 xb ee ff E9 xb E9 xb ee ff P rPf rPO rPf rPO frPP fIfrPf fIPrPf P rfP rOP rfP rPO frPP fIfrfP fIPrfP |