| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCS12 Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc |
|
103 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 103 Operation: (A) + (M) + C ⇒ A Description: Adds the content of accumulator A to the content of memory location M, then adds the value of the C bit and places the result in A. This instruction affects the H status bit, so it is suitable for use in BCD arithmetic operations. See DAA instruction for additional information. ADCA Add with Carry to A ADCA CCR Details: S X HIN Z V C –– ∆ – ∆∆∆∆ H: A3 • M3 + M3 • R3 + R3 • A3 Set if there was a carry from bit 3; cleared otherwise N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: A7 • M7 • R7 + A7 • M7 • R7 Set if two’s complement overflow resulted from the operation; cleared otherwise C: A7 • M7 + M7 • R7 + R7 • A7 Set if there was a carry from the MSB of the result; cleared otherwise Source Form Address Mode Object Code Access Detail HCS12 M68HC12 ADCA #opr8i ADCA opr8a ADCA opr16a ADCA oprx0_xysp ADCA oprx9,xysp ADCA oprx16,xysp ADCA [D,xysp] ADCA [oprx16,xysp] IMM DIR EXT IDX IDX1 IDX2 [D,IDX] [IDX2] 89 ii 99 dd B9 hh ll A9 xb A9 xb ff A9 xb ee ff A9 xb A9 xb ee ff P rPf rPO rPf rPO frPP fIfrPf fIPrPf P rfP rOP rfP rPO frPP fIfrfP fIPrfP |