| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC24F16KA101-I/ML Datasheet(PDF) 70 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F16KA101-I/ML Datasheet(HTML) 70 Page - Microchip Technology |
|
70 / 254 page ![]() PIC24F16KA102 FAMILY DS39927B-page 68 Preliminary © 2009 Microchip Technology Inc. REGISTER 8-2: CORCON: CPU CONTROL REGISTER U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 R/C-0, HSC R/W-0 U-0 U-0 — — — —IPL3(2) PSV(1) — — bit 7 bit 0 Legend: C = Clearable bit HSC = Hardware Settable/Clearable bit R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-4 Unimplemented: Read as ‘0’ bit 3 IPL3: CPU Interrupt Priority Level Status bit(2) 1 = CPU interrupt priority level is greater than 7 0 = CPU interrupt priority level is 7 or less bit 1-0 Unimplemented: Read as ‘0’ Note 1: See Register 3-2 for the description of this bit, which is not dedicated to interrupt control functions. 2: The IPL3 bit is concatenated with the IPL<2:0> bits (SR<7:5>) to form the CPU interrupt priority level. Note: Bit 2 is described in Section 3.0 “CPU”. |