Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC16F1824-E/ST Datasheet(PDF) 46 Page - Microchip Technology

No. de pieza PIC16F1824-E/ST
Descripción Electrónicos  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1824-E/ST Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC16F1824-E/ST Datasheet HTML 42Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 43Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 44Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 45Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 46Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 47Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 48Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 49Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 420 page
background image
PIC16F/LF1824/1828
DS41419A-page 46
Preliminary
 2010 Microchip Technology Inc.
FIGURE 3-5:
ACCESSING THE STACK EXAMPLE 2
FIGURE 3-6:
ACCESSING THE STACK EXAMPLE 3
0x0F
0x0E
0x0D
0x0C
0x0B
0x0A
0x09
0x08
0x07
0x06
0x05
0x04
0x03
0x02
0x01
Return Address
0x00
STKPTR = 0x00
This figure shows the stack configuration
after the first CALL or a single interrupt.
If a RETURN instruction is executed, the
return address will be placed in the
Program Counter and the Stack Pointer
decremented to the empty state (0x1F).
TOSH:TOSL
0x0F
0x0E
0x0D
0x0C
0x0B
0x0A
0x09
0x08
0x07
Return Address
0x06
Return Address
0x05
Return Address
0x04
Return Address
0x03
Return Address
0x02
Return Address
0x01
Return Address
0x00
STKPTR = 0x06
After seven CALLs or six CALLs and an
interrupt, the stack looks like the figure
on the left. A series of RETURN instructions
will repeatedly place the return addresses
into the Program Counter and pop the stack.
TOSH:TOSL