| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC12F629-E/P Datasheet(PDF) 46 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F629-E/P Datasheet(HTML) 46 Page - Microchip Technology |
|
46 / 136 page ![]() PIC12F629/675 DS41190G-page 46 2010 Microchip Technology Inc. REGISTER 7-2: ANSEL: ANALOG SELECT REGISTER (ADDRESS: 9Fh) U-0 R/W-0 R/W-0 R/W-0 R/W-1 R/W-1 R/W-1 R/W-1 — ADCS2 ADCS1 ADCS0 ANS3 ANS2 ANS1 ANS0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7 Unimplemented: Read as ‘0’ bit 6-4 ADCS<2:0>: A/D Conversion Clock Select bits 000 = Fosc/2 001 = Fosc/8 010 = Fosc/32 x11 = FRC (clock derived from a dedicated internal oscillator = 500 kHz max) 100 = Fosc/4 101 = Fosc/16 110 = Fosc/64 bit 3-0 ANS3:ANS0: Analog Select bits (Between analog or digital function on pins AN<3:0>, respectively.) 1 = Analog input; pin is assigned as analog input(1) 0 = Digital I/O; pin is assigned to port or special function Note 1: Setting a pin to an analog input automatically disables the digital input circuitry, weak pull-ups, and inter- rupt-on-change. The corresponding TRISIO bit must be set to Input mode in order to allow external control of the voltage on the pin. |