Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCP4332T-502E/ML Datasheet(PDF) 6 Page - Microchip Technology

No. de pieza MCP4332T-502E/ML
Descripción Electrónicos  7/8-Bit Quad SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4332T-502E/ML Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP4332T-502E/ML Datasheet HTML 2Page - Microchip Technology MCP4332T-502E/ML Datasheet HTML 3Page - Microchip Technology MCP4332T-502E/ML Datasheet HTML 4Page - Microchip Technology MCP4332T-502E/ML Datasheet HTML 5Page - Microchip Technology MCP4332T-502E/ML Datasheet HTML 6Page - Microchip Technology MCP4332T-502E/ML Datasheet HTML 7Page - Microchip Technology MCP4332T-502E/ML Datasheet HTML 8Page - Microchip Technology MCP4332T-502E/ML Datasheet HTML 9Page - Microchip Technology MCP4332T-502E/ML Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
MCP433X/435X
DS22242A-page 6
 2010 Microchip Technology Inc.
Resistor Terminal
Input Voltage
Range (Terminals
A, B and W)
VA,VW,VB
Vss
—
VDD
V
Note 5, Note 6
Maximum current
through A, W or B
IW
—
—
2.5
mA
Worst case current through wiper when
wiper is either Full Scale or Zero Scale.
(Note 6)
Leakage current
into A, W or B
IWL
—100
—
nA
MCP43X1 PxA = PxW = PxB = VSS
—100
—
nA
MCP43X2 PxB = PxW = VSS
AC/DC CHARACTERISTICS (CONTINUED)
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40°C
 TA  +125°C (extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, 5 k, 10 k, 50 k, 100 k devices.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Resistance is defined as the resistance between terminal A to terminal B.
2:
INL and DNL are measured at VW with VA = VDD and VB = VSS.
3:
MCP43X1 only.
4:
MCP43X2 only, includes VWZSE and VWFSE.
5:
Resistor terminals A, W and B’s polarity with respect to each other is not restricted.
6:
This specification by design.
7:
Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and
temperature.
8:
The MCP43X1 is externally connected to match the configurations of the MCP43X2, and then tested.
9:
POR/BOR is not rate dependent.
10: Supply current is independent of current through the resistor network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88