| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HT83F40P Datasheet(PDF) 47 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT83F40P Datasheet(HTML) 47 Page - Holtek Semiconductor Inc |
|
47 / 62 page ![]() VIN=3.6V~24V HT83FXX Rev. 1.30 47 June 7, 2010 A U D 1 2 3 4 5 6 7 8 H T 8 2 V 7 3 3 V D D 4 7 m F 0 . 1 m F 1 0 m F O U T N V D D V R E F N C O U T P C E A u d i o I n S P K ( 8 W / 1 6 W ) V D D 8 0 5 0 0 . 1 m F R 1 R 2 S P K ( 8 W / 1 6 W ) A U D N o t e : R 1 > R 2 T r a n s i s t o r O u t p u t P o w e r A m p l i f i e r O u t p u t H T 8 3 F 1 0 P / 2 0 P / 4 0 P / 6 0 P / 8 0 P R E S V D D 1 0 0 k W V D D 0 . 1 m F 1 0 0 m F O S C 2 O S C 1 P A 0 ~ P A 7 P B 0 ~ P B 3 1 5 0 k W ~ 3 0 0 k W A U D V S S V S S A V S S P V D D 1 0 W 4 7 m F 0 . 1 m F C L K D O D I S C S S C K S I S O C S R E S V D D 1 0 0 k W V D D 0 . 1 m F 1 0 0 m F O S C 2 O S C 1 4 M H z ~ 8 M H z P A 0 ~ P A 7 P B 0 ~ P B 3 H T 8 3 F 1 0 P / 2 0 P / 4 0 P / 6 0 P / 8 0 P N o t e : T h e P W M a p p l i c a t i o n r e f e r t o t h e d e s c r i p t i o n o f P u l s e W i d t h M o d u l a t i o n O u t p u t . P W M 1 P W M 2 S P K ( 8 W / 1 6 W ) 4 7 m F V D D C L K D O D I S C S S C K S I S O C S V S S F V S S V S S A V S S P V S S F V I N L D O _ I N L D O _ O U T V I N L D O _ I N L D O _ O U T |