Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DS8005-RRX+ Datasheet(PDF) 1 Page - Maxim Integrated Products

No. de pieza DS8005-RRX+
Descripción Electrónicos  Smart Card Intergace
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8005-RRX+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS8005-RRX+ Datasheet HTML 1Page - Maxim Integrated Products DS8005-RRX+ Datasheet HTML 2Page - Maxim Integrated Products DS8005-RRX+ Datasheet HTML 3Page - Maxim Integrated Products DS8005-RRX+ Datasheet HTML 4Page - Maxim Integrated Products DS8005-RRX+ Datasheet HTML 5Page - Maxim Integrated Products DS8005-RRX+ Datasheet HTML 6Page - Maxim Integrated Products DS8005-RRX+ Datasheet HTML 7Page - Maxim Integrated Products DS8005-RRX+ Datasheet HTML 8Page - Maxim Integrated Products DS8005-RRX+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The DS8005 dual smart card interface is a low-cost,
dual analog front-end for an IC card reader interface
that needs to communicate with two smart cards in a
mutually exclusive fashion. The analog interface is
designed for use in ISO 7816, EMV®, and B-CAS appli-
cations. The device is functionally similar to two
DS8024s with external multiplexing to select the active
interface, but also includes low power and 1.8V card
support. Additionally, the device is designed for appli-
cations where the C4/C8 (AUX1/AUX2) contacts are not
required on either card interface.
The device is provided in a 28-pin SO package. The
pinout is backwards compatible with the DS8313,
allowing applications to use the same footprint and
PCB for applications that communicate with either one
or two smart cards.
The device is designed to be used with microcon-
trollers that contain an ISO 7816 UART, or have the
bandwidth to run this protocol in software by bit-bang-
ing IO ports. If the microcontroller does not have the
capability of running the ISO 7816 UART, the DS8007 is
the more appropriate product selection.
Applications
Set-Top Box Conditional Access
Telecommunications
Pay Television
Access Control
Financial Terminals
Features
♦ Analog Interface and Level Shifting for IC Card
Communication
♦ ±8kV (min) ESD (HBM) Protection on Card Interfaces
♦ Ultra-Low Stop-Mode Current, Less than 10nA
Typical
♦ Internal IC Card Supply-Voltage Generation
5.0V ±5%, 80mA (max)
3.0V ±8%, 65mA (max)
1.8V ±10%, 30mA (max)
♦ Automatic Card Activation and Deactivation
Controlled by Dedicated Internal Sequencer
♦ I/O Lines from Host Directly Level Shifted for
Smart Card Communication
♦ Flexible Card Clock Generation, Supporting
External Crystal Frequency Divided by 1, 2, 4, or 8
♦ High-Current, Short-Circuit and High-Temperature
Protection
♦ Low Active-Mode Current
♦ Internal Multiplexing Allows One ISO 7816 UART
Implementation to Control Two Smart Card
Sockets
Smart Card Interface
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-5257; Rev 0; 4/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
DS8005-RRX+
-40
°C to +85°C
28 SO
+
Denotes a lead(Pb)-free/RoHS-compliant package.
Typical Application Circuit appears at end of data sheet.
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device may be
simultaneously available through various sales channels. For information about device errata, go to: www.maxim-ic.com/errata.
EMV is a registered trademark of EMVCo LLC.
Selector Guide
PART
CARD VOLTAGES
SUPPORTED
LOW STOP-MODE
POWER
LOW ACTIVE-
MODE POWER
PRES_ POLARITY
VDDA INPUTS
DS8005-RRX+
1.8V, 3V, 5V
Yes
Yes
Positive
2


Número de pieza similar - DS8005-RRX+

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
DS8007 MAXIM-DS8007 Datasheet
331Kb / 41P
Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
Rev 3; 7/11
logo
Dallas Semiconductor
DS8007-ENG DALLAS-DS8007-ENG Datasheet
350Kb / 41P
Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
DS8007-ENG MAXIM-DS8007-ENG Datasheet
331Kb / 41P
Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
Rev 3; 7/11
logo
Dallas Semiconductor
DS8007-ENG+ DALLAS-DS8007-ENG+ Datasheet
350Kb / 41P
Multiprotocol Dual Smart Card Interface
More results

Descripción similar - DS8005-RRX+

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
SMART CARD INTERFACE
Dec-1992
logo
ITT Industries
CCM02-MKI ITT-CCM02-MKI Datasheet
68Kb / 1P
Smart Card
CCM04-MKII ITT-CCM04-MKII Datasheet
62Kb / 1P
Smart Card
CCM-J ITT-CCM-J Datasheet
63Kb / 1P
Smart Card
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
Smart Card Interface
Rev 1; 2/08
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
Smart Card Interface
logo
Maxim Integrated Produc...
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
Smart Card Interface
Rev 2; 2/12
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
Smart Card Interface
Rev 1; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com