Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPBT2532C2AT Datasheet(PDF) 24 Page - STMicroelectronics

No. de pieza SPBT2532C2AT
Descripción Electrónicos  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2AT Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPBT2532C2AT Datasheet HTML 20Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 21Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 22Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 23Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 24Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 25Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 26Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 27Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Commands
SPBT2532C2.AT
24/48
Doc ID 16089 Rev 3
The following subsections describe each of these commands in detail, including a
description of behavior, syntax (including possible parameter values), and types of
responses.
Some responses will not be “immediate”. Where applicable, these will be noted and will
include an approximate delay before response.
For commands with optional parameters, all possible forms will be listed under the syntax
subsection.
Error responses are described in Appendix D error responses
.
C.1
Bond
The Bond command is used to initiate bonding with a specified device. A personal
identification number (PIN) is also required with this command.
C.1.1
Syntax
AT+AB Bond [BD addr] [PIN]
Where
[BD addr] is the BD Address of the remote device with which to bond and [PIN]
is the PIN code to use (up to 16 characters).
C.1.2
Responses
If the request is successfully submitted, the response is:
AT-AB BondPending [BD addr]
If the operation is successful, the response is:
AT-AB BondOk
If the operation fails, the response is:
AT-AB BondFail
Command
abSerial v1.1
Security
SmartCableSetup
Sniff
SPPConnect
SPPDisconnect
StreamingSerial
UpdateInquiryScan
UpdatePageScan
Version
Table 9.
abSerial command summary (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48