| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RHEF200-2 Datasheet(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
RHEF200-2 Datasheet(HTML) 2 Page - Tyco Electronics |
|
2 / 27 page ![]() Protection Application Selection Guide for Radial-leaded Devices LVR LVRL BBRF RXEF RXEF RTEF RUEF RGEF RHEF RHEF RUSBF RUSBF Voltage Rating 265VAC 135VAC 99V 72V 60V 33V 30V 16V 16V 30V 16V 6V Hold Current (A) ——————————— — 0.050 25Ω ——— 9.2Ω —————— — 0.080 9.8Ω —————————— — 0.100 ———— 3.50Ω —————— — 0.110 ——————————— — 0.120 4.8Ω —————————— — 0.145 ——————————— — 0.150 ——————————— — 0.160 3.4Ω —————————— — 0.170 ———— 4.30Ω —————— — 0.180 ——————————— — 0.200 — — — 2.29Ω ——————— — 0.250 1.7Ω — — 1.60Ω ——————— — 0.300 — — — 1.11Ω ——————— — 0.330 1.0Ω —————————— — 0.400 0.80Ω — — 0.71Ω ——————— — 0.500 — — — 0.64Ω ————— 0.68Ω —— 0.550 0.59Ω — 1.05Ω ———————— — 0.650 — — — 0.40Ω ——————— — 0.700 ————————— 0.42Ω —— 0.750 — 0.325Ω 0.58Ω 0.325Ω ——————— 0.14Ω 0.900 — — — 0.255Ω — — 0.095Ω — — — 0.10Ω — 1.000 — 0.224Ω ——————— 0.24Ω —— 1.100 — — — 0.200Ω — — 0.075Ω — — — 0.075Ω — 1.200 ————— 0.097Ω ————— 0.080Ω 1.250 — 0.148Ω ————————— — 1.350 — 0.138Ω — 0.155Ω — 0.080Ω 0.060Ω — — — 0.060Ω — 1.550 ——————————— 0.058Ω 1.600 — — — 0.115Ω — — 0.050Ω — — — 0.050Ω — 1.850 — — — 0.100Ω — — 0.045Ω — — — 0.045Ω — 1.900 ————— 0.054Ω ————— — PolySwitch Resettable Devices—Key Selection Criteria Flatter Lower Current Protection Application Small Size Derating Higher Voltage Electromagnetic loads RGEF (<16V), RUEF (<30V) RHEF (<30V) RXEF (<72V) Halogen lighting RGEF (<16V), RUEF (<30V) RHEF (<30V) RXEF (<72V) Lighting ballast RXEF (<72V), BBRF (<99V AC) LVR (<265V AC) Loudspeakers RXEF (<72V) RXEF (<72V) Medical equipment RGEF (<16V), RUEF (<30V) RHEF (<30V) RXEF (<72V) MOSFET devices RGEF (<16V), RUEF (<30V) RHEF (<30V) RXEF (<72V) Motors, fans and blowers RXEF (<72V), RGEF (<16V) RHEF (<30V) LVR (<265V AC) POS equipment RXEF (<72V), RUEF (<30V) Process and industrial controls RXEF (<72V), RUEF (<30V) Satellite video receivers RGEF (<16V), RUEF (<30V) RHEF (<30V) RXEF (<72V) Security and fire alarm systems RGEF (<16V), RUEF (<30V) RHEF (<30V) RXEF (<72V), LVR (<265V AC) Test and measurement equipment RGEF (<16V), RUEF (<30V) RHEF (<30V) RXEF (<72V), LVR (<265V AC) Transformers RGEF (<16V), RUEF (<30V) RHEF (<30V) RXEF (<72V), LVR (<265V AC) UL 1950/FCC Part 68 requirements RXEF (<72V) DDC computer and consumer electronics RUEF (<30V) IEEE-1394 computer and consumer electronics RTEF (<33V) Mouse and keyboard RUEF (<30V) SCSI RUEF (<30V) USB RUSBF (<16V) Traces and printed circuit board protection RGEF (<16V), RUEF (<30V) RHEF (<30V) RXEF (<72V) This list is not exhaustive. Raychem Circuit Protection welcomes customer's input for additional application ideas for PolySwitch resettable devices. The guide below lists PolySwitch devices that are typically used in these applications. Specifications for the suggested device part numbers can be found in this section. Once a part number has been selected, the user should evaluate and test each product for its intended application. Table R1 - Product Series - Current Rating, Voltage Rating/Typical Resistance for Radial-leaded Devices 111 13 |