| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
miniSMDC260F/12 Datasheet(PDF) 9 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
miniSMDC260F/12 Datasheet(HTML) 9 Page - Tyco Electronics |
|
9 / 16 page ![]() 139 15 RoHS Compliant, ELV Compliant Typical Time-to-trip Curves at 20°C for Surface-mount Devices Figure S7-S13 Fault Current (A) 10 1 0.1 0.01 0.001 0.1 1 100 10 A A B B C D D E E F F G G H H Figure S8 nanoSMDCxxxF A= nanoSMDC012F B= nanoSMDC016F C= nanoSMDC020F D= nanoSMDC035F E= nanoSMDC050F/13.2 F= nanoSMDC075F G= nanoSMDC110F H= nanoSMDC150F Fault Current (A) 100 10 1 0.1 0.01 0.001 0.1 1 100 10 A A Figure S7 picoSMDxxxF A = picoSMD035F Dimensions for Surface-mount Devices in Millimeters (Inches) ... Cont’d Table S4 SMD2 Devices Size 8763 mm/3425 mils SMD150F 8.00 9.40 - 3.00 6.00 6.71 0.56 0.71 0.56 0.71 3.68 3.94 0.66 1.37 0.43 S5 (0.315) (0.370) - (0.118) (0.236) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017) - SMD150F/33 8.00 9.40 - 3.00 6.00 6.71 0.56 0.71 0.56 0.71 3.68 3.94 0.66 1.37 0.43 S5 (0.315) (0.370) - (0.118) (0.236) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017) - SMDH160 8.00 9.40 - 3.00 6.00 6.71 0.56 0.71 0.56 0.71 3.68 3.94 0.66 1.37 0.43 S5 (0.315) (0.370) - (0.118) (0.236) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017) - SMD185F 8.00 9.40 - 3.00 6.00 6.71 0.56 0.71 0.56 0.71 3.68 3.94 0.66 1.37 0.43 S5 (0.315) (0.370) - (0.118) (0.236) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017) - SMD200F 8.00 9.40 - 3.00 6.00 6.71 0.56 0.71 0.56 0.71 3.68 3.94 0.66 1.37 0.43 S5 (0.315) (0.370) - (0.118) (0.236) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017) - SMD250F 8.00 9.40 - 3.00 6.00 6.71 0.56 0.71 0.56 0.71 3.68 3.94 0.66 1.37 0.43 S5 (0.315) (0.370) - (0.118) (0.236) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017) - Part Number A Min. Max. H Min. Figure B Min. Max. C Min. Max. D Min. Max. E Min. Max. F Min. Max. G Min. Max. |