Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM8S207C6T6B Datasheet(PDF) 50 Page - STMicroelectronics

No. de pieza STM8S207C6T6B
Descripción Electrónicos  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207C6T6B Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM8S207C6T6B Datasheet HTML 46Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 47Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 48Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 49Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 50Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 51Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 52Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 53Page - STMicroelectronics STM8S207C6T6B Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 103 page
background image
Option bytes
STM8S207xx, STM8S208xx
50/103
Doc ID 14733 Rev 9
OPTBL
BL[7:0] Bootloader option byte
For STM8S products, this option is checked by the boot ROM code
after reset. Depending on the content of addresses 0x487E, 0x487F,
and 0x8000 (reset vector), the CPU jumps to the bootloader or to
the reset vector. Refer to the UM0560 (STM8L/S bootloader manual)
for more details.
For STM8L products, the bootloader option bytes are on addresses
0xXXXX and 0xXXXX+1 (2 bytes). These option bytes control
whether the bootloader is active or not. For more details, refer to the
UM0560 (STM8L/S bootloader manual) for more details.
Table 13.
Option byte description (continued)
Option byte no.
Description