| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P89LPC985FDH Datasheet(PDF) 60 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89LPC985FDH Datasheet(HTML) 60 Page - NXP Semiconductors |
|
60 / 85 page ![]() P89LPC980_982_983_985_2 © NXP B.V. 2010. All rights reserved. Preliminary data sheet Rev. 02 — 8 February 2010 60 of 85 NXP Semiconductors P89LPC980/982/983/985 8-bit microcontroller with accelerated two-clock 80C51 core 8.3 Block diagram 8.4 ADC operating modes 8.4.1 Fixed channel, single conversion mode A single input channel can be selected for conversion. A single conversion will be performed and the result placed in the result register pair which corresponds to the selected input channel. An interrupt, if enabled, will be generated after the conversion completes. 8.4.2 Fixed channel, continuous conversion mode A single input channel can be selected for continuous conversion. The results of the conversions will be sequentially placed in the eight result register. The user may select whether an interrupt can be generated after every four or every eight conversions. Additional conversion results will again cycle through the result register pairs, overwriting the previous results. Continuous conversions continue until terminated by the user. 8.4.3 Auto scan, single conversion mode Any combination of the eight input channels can be selected for conversion. A single conversion of each selected input will be performed and the result placed in the result register pair which corresponds to the selected input channel. The user may select whether an interrupt, if enabled, will be generated after either the first four conversions have occurred or all selected channels have been converted. If the user selects to generate an interrupt after the four input channels have been converted, a second interrupt will be generated after the remaining input channels have been converted. If only a single channel is selected this is equivalent to single channel, single conversion mode. (1) Only on the P89LPC985. Fig 20. ADC block diagram comp AD00 8 CONTROL LOGIC AD01 AD02 AD03 AD04(1) AD05(1) AD06(1) AD07(1) SAR input MUX 002aae543 DAC0 CCLK |