| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BAT86 Datasheet(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BAT86 Datasheet(HTML) 6 Page - NXP Semiconductors |
|
6 / 8 page ![]() 2000 May 25 6 NXP Semiconductors Product data sheet Schottky barrier diode BAT86 PACKAGE OUTLINE REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC EIAJ Note 1. The marking band indicates the cathode. SOD68 DO-34 97-06-09 Hermetically sealed glass package; axial leaded; 2 leads SOD68 UNIT b max. mm 0.55 D max. G1 max. 25.4 3.04 1.6 L min. DIMENSIONS (mm are the original dimensions) G1 L D L b (1) 0 2 4 mm scale |