Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TN25/15/10-3C90 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

No. de pieza TN25/15/10-3C90
Descripción Electrónicos  Ferrite toroids
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FERROXCUBE [Ferroxcube International Holding B.V.]
Página de inicio  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TN25/15/10-3C90 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  TN25/15/10-3C90 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TN25/15/10-3C90 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TN25/15/10-3C90 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1683
Ferroxcube
Ferrite toroids
TN25/15/10
RING CORES (TOROIDS)
Effective core parameters
Coating
The cores are coated with polyamide 11 (PA11), flame
retardant in accordance with “UL 94V-2”; UL file number
E 45228 (M).
The colour is white.
Maximum operating temperature is 160
°C.
Isolation voltage
DC isolation voltage: 2000 V.
Contacts are applied on the edge of the ring core, which is
also the critical point for the winding operation.
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
1.23
mm−1
Ve
effective volume
2944
mm3
Ie
effective length
60.2
mm
Ae
effective area
48.9
mm2
m
mass of core
≈ 15
g
Fig.1 TN25/15/10 ring core.
Dimensions in mm.
handbook, halfpage
;;
;;
;;
;;
CBW306
14.0
±0.6
10.6
±0.5
coating PA11
(
≈0.3)
25.8
±0.7
Ring core data
Properties of cores under power conditions
GRADE
AL
(nH)
µi
TYPE NUMBER
3F3
1840
± 25%
≈ 1800
TN25/15/10-3F3
3C90
2350
± 25%
≈ 2300
TN25/15/10-3C90
3C11
4400
± 25%
≈ 4300
TN25/15/10-3C11
3E25
5620
± 25%
≈ 5500
TN25/15/10-3E25
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 25 kHz;
T = 100
°C
f= 25 kHz;
=200 mT;
T = 100
°C
f = 100 kHz;
= 100 mT;
T = 100
°C
f = 400 kHz;
=50 mT;
T = 100
°C
3C90
≥320
≤ 0.33
≤ 0.33
−
3F3
≥320
−≤ 0.32
≤ 0.56
B
ˆ
B
ˆ
B
ˆ



Html Pages

1 2 3