Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC1G66 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza 74AHC1G66
Descripción Electrónicos  Single-pole single-throw analog switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC1G66 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC1G66 Datasheet HTML 2Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 3Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 4Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 5Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 6Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 7Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 8Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 9Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74AHC_AHCT1G66_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2008
6 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
10.2 ON resistance
[1]
At supply voltages approaching 2 V, the analog switch ON resistance becomes extremely non-linear. Therefore it is recommended that
these devices be used to transmit digital signals only, when using this supply voltage.
10.3 ON resistance test circuit and graphs
Table 8.
ON resistance
At recommended operating conditions; voltages are referenced to GND (ground 0 V); for graph see Figure 7 [1]
.
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Typ
max
Max
Max
74AHC1G66 and 74AHCT1G66
RON(peak) ON resistance
(peak)
VI =VCC to GND; see Figure 6
ISW = 1.0 mA; VCC = 2.0 V
148[1]
--
-
ISW = 10 mA; VCC = 3.0 V to 3.6 V
28
50
70
110
ISW = 10 mA; VCC = 4.5 V to 5.5 V
15
30
40
60
RON(rail)
ON resistance
(rail)
VI = GND; see Figure 6
ISW = 1.0 mA; VCC = 2.0 V
30
-
-
-
ISW = 10 mA; VCC = 3.0 V to 3.6 V
20
50
65
90
ISW = 10 mA; VCC = 4.5 V to 5.5 V
15
22
26
40
VI =VCC; see Figure 6
ISW = 1.0 mA; VCC = 2.0 V
28
-
-
-
ISW = 10 mA; VCC = 3.0 V to 3.6 V
18
50
65
90
ISW = 10 mA; VCC = 4.5 V to 5.5 V
13
22
26
40
RON =VSW / ISW.Tamb =25 °C.
Fig 6.
Test circuit for measuring ON resistance
Fig 7.
Typical ON resistance as a function of
input voltage
001aag490
VI
VIH
VCC
GND
Z
Y
E
VSW
ISW
0246
VI (V)
RON
(
Ω)
40
30
10
0
20
mna630
VCC = 3.0 V
4.5 V
5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com