| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPRI383815-331M Datasheet(PDF) 1 Page - Productwell Precision Elect.CO.,LTD |
|
|
|||||||||||||||||||||||||||||
SPRI383815-331M Datasheet(HTML) 1 Page - Productwell Precision Elect.CO.,LTD |
|
1 / 5 page ![]() 1 l DIMENSIONS (mm) TYPE A B C D(REF) SPRI383807 3.8 ±0.1 3.8 ±0.1 0.7 ±0.1 1.2 SPRI383815 3.8 ±0.1 3.8 ±0.1 1.5 ±0.1 1.2 SPRI383820 3.8 ±0.1 3.8 ±0.1 2.0 ±0.1 1.2 SPRI383832 3.8 ±0.1 3.8 ±0.1 3.2 ±0.1 1.2 SPRI SERIES SHIEDED SMD POWER INDUCTORS MECHANICALS CONSTRUCTION l FEATURE 1. Five sizes of shielded drum core inductances with low profiles(as low as1.2mm)and high power density. 2. Inductance range : 0.47uH to 1000uH . 3. Current range : 6.00 Amps to 0.094Amps 4. Ferrite shielded ,low EMI l APPLICATIONS 1 .Digital cameras.CD players, cellular phones,and PDAs 特性 1. 具有小側面高功率密度(低至 1.2mm)5 種尺寸屏蔽式電感 2. 電感范圍﹕0.47 微亨 to 1000 微亨 3. 電流范圍﹕6.00 安培 to 0.094 安培 4. 鐵氧體屏蔽﹐低電磁干擾 用途 1. 數碼相機﹐CD 機,微型電話﹐掌中寶 C A D l PART NUMBERING SYSTEM (品名規定) S P R I 3 8 3 8 0 7 - 1 0 0 M 1 2 3 4 SHIELDED SMT DIMENSIONS INDUTANCE TOLERANCE POWER INDUCTORS A、B、C DIM 10*10 0=10uH J : ±5% K: ±10% L±15% M: ±20% P: ±25% N: ±30 闭磁路贴片式功率电感 (DR+RI 型磁芯) 尺寸 電感值 公差 Productwell Precision Elect.Co.,Ltd Kai Ping Productwell Precision Elect.Co.,Ltd Tel:0750-2323113 Fax:0750-2312333 http:// www.productwell.com 51 |
Número de pieza similar - SPRI383815-331M |
|
Descripción similar - SPRI383815-331M |