Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

390002-01 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

No. de pieza 390002-01
Descripción Electrónicos  POWER CORD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  QUALTEK [Qualtek Electronics Corporation]
Página de inicio  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

390002-01 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  390002-01 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES:
1.
CORDAGE: H05VV-F, 3 X 1.0mm, UNSHIELDED,
CEE COLOR CODE, TEMP. RATING 70°C,
RATING: 250V 10A, JACKET COLOR: BLACK
2.
PLUG: IRAM2073
3.
CONNECTOR: IEC 60320 C13
4.
APPROVALS: IRAM
5.
ROHS COMPLIANT
Qualtek Electronics Corp.
PPC DIVISION
Part Number:
390002-01
Description:
POWER CORD
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
B. ZHANG
09-24-04
09-24-04
JJH / 09-24-04
UNIT: mm
CONTROLLED
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR
OR COMMUNICATED TO A THIRD PARTY WITHOUT
THE EXPRESS WRITTEN PERMISSION OF AN OFFICER
OF QUALTEK ELECTRONICS.
APPROVED
DATE
DESCRIPTION
REV.
REVISION
B
C
RoHS Compliancy
Notes Updated
06-01-06
09-04-07
D.P.
D.P.
REV. C
2500 mm
1
2
3


Número de pieza similar - 390002-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
39000209 MOLEX-39000209 Datasheet
92Kb / 6P
PremiumGrade Hand Crimp Tool for Mini-Fit Jr. Male and Female Terminals, 28-22 AWG
Jun 05, 2025
39000210 MOLEX-39000210 Datasheet
92Kb / 6P
PremiumGrade Hand Crimp Tool for Mini-Fit Jr. Male and Female Terminals, 28-22 AWG
Jun 05, 2025
39000211 MOLEX-39000211 Datasheet
90Kb / 6P
Hand Crimp Tool for Mini-Fit Jr. Male and Female Crimp Terminals, 16 AWG
Jun 18, 2025
39000212 MOLEX-39000212 Datasheet
90Kb / 6P
Hand Crimp Tool for Mini-Fit Jr. Male and Female Crimp Terminals, 16 AWG
Jun 18, 2025
39000215 MOLEX-39000215 Datasheet
92Kb / 6P
PremiumGrade Hand Crimp Tool for Mini-Fit Jr. Male and Female Terminals, 28-22 AWG
Jun 05, 2025
More results

Descripción similar - 390002-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Qualtek Electronics Cor...
319002-T01 QUALTEK-319002-T01 Datasheet
177Kb / 1P
POWER CORD
361022-D01 QUALTEK-361022-D01 Datasheet
158Kb / 1P
POWER CORD
362003-E01 QUALTEK-362003-E01 Datasheet
161Kb / 1P
POWER CORD
362005-E01 QUALTEK-362005-E01 Datasheet
160Kb / 1P
POWER CORD
363012-D01 QUALTEK-363012-D01 Datasheet
173Kb / 1P
POWER CORD
366042-D01 QUALTEK-366042-D01 Datasheet
166Kb / 1P
POWER CORD
369004-E01 QUALTEK-369004-E01 Datasheet
165Kb / 1P
POWER CORD
221001-08 QUALTEK-221001-08 Datasheet
166Kb / 1P
POWER CORD
22302101 QUALTEK-22302101 Datasheet
190Kb / 1P
POWER CORD
22308301 QUALTEK-22308301 Datasheet
194Kb / 1P
POWER CORD
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com