Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

313010-01 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

No. de pieza 313010-01
Descripción Electrónicos  POWER CORD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  QUALTEK [Qualtek Electronics Corporation]
Página de inicio  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

313010-01 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  313010-01 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES:
1.
CORDAGE: SJT, 16AWG / 3C, UNSHIELDED,
CEE COLOR CODE, TEMP. RATING 60°C,
RATING: 125V 13A, JACKET COLOR: BLACK
2.
PLUG: NEMA 5-15P
3.
CONNECTOR: IEC 60320 C13 RIGHT ANGLED
4.
APPROVALS: UL, cUL
5.
ROHS COMPLIANT
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR
OR COMMUNICATED TO A THIRD PARTY WITHOUT
THE EXPRESS WRITTEN PERMISSION OF AN OFFICER
OF QUALTEK ELECTRONICS.
Qualtek Electronics Corp.
PPC DIVISION
Part Number:
313010-01
Description:
POWER CORD
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
B.ZHANG
06-13-02
06-13-02
JJH / 06-13-02
UNIT: in
REV. B
CONTROLLED
APPROVED
DATE
DESCRIPTION
REV.
REVISION
B
RoHS Compliancy
06-01-06
DP
79”±
2
1
3
2”
0”


Número de pieza similar - 313010-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
313010 LITTELFUSE-313010 Datasheet
94Kb / 1P
3AG Slo-Blo Fuse 313/315 Series
313010 LITTELFUSE-313010 Datasheet
44Kb / 1P
Axial Lead and Cartridge Fuses
313010P LITTELFUSE-313010P Datasheet
45Kb / 1P
Axial Lead and Cartridge Fuses - Glass Body
313010P LITTELFUSE-313010P Datasheet
76Kb / 1P
Axial Lead and Cartridge Fuses
More results

Descripción similar - 313010-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Qualtek Electronics Cor...
319002-T01 QUALTEK-319002-T01 Datasheet
177Kb / 1P
POWER CORD
361022-D01 QUALTEK-361022-D01 Datasheet
158Kb / 1P
POWER CORD
362003-E01 QUALTEK-362003-E01 Datasheet
161Kb / 1P
POWER CORD
362005-E01 QUALTEK-362005-E01 Datasheet
160Kb / 1P
POWER CORD
363012-D01 QUALTEK-363012-D01 Datasheet
173Kb / 1P
POWER CORD
366042-D01 QUALTEK-366042-D01 Datasheet
166Kb / 1P
POWER CORD
369004-E01 QUALTEK-369004-E01 Datasheet
165Kb / 1P
POWER CORD
221001-08 QUALTEK-221001-08 Datasheet
166Kb / 1P
POWER CORD
22302101 QUALTEK-22302101 Datasheet
190Kb / 1P
POWER CORD
22308301 QUALTEK-22308301 Datasheet
194Kb / 1P
POWER CORD
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com