Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TW0233A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TW0233A
Descripción Electrónicos  SMD 3.2x2.5 25MHz Crystal Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TW0233A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TW0233A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0233A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0233A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0233A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0233A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-01
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date: 1/9/2007 (REV. NO: 1)
Product Name: SMD 3.2x2.5 25MHz Crystal Oscillator
TST Parts No.: TW0233A
Customer Parts No. :
Company:
Division:
Approved by:
Date:
Checked by:
Ryan Huang
Approval by:
Robert Chang
Date:
1/9/2007


Número de pieza similar - TW0233A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TW0230A TAI-SAW-TW0230A Datasheet
207Kb / 5P
SMD 7.0x5.0 16.384MHz Crystal Oscillator
TW0231A TAI-SAW-TW0231A Datasheet
207Kb / 5P
SMD 7.0x5.0 16.6666MHz Crystal Oscillator
TW0232A TAI-SAW-TW0232A Datasheet
207Kb / 5P
SMD 7.0x5.0 25MHz Crystal Oscillator
TW0235A TAI-SAW-TW0235A Datasheet
190Kb / 5P
SMD 7.0x5.0 100MHz Crystal Oscillator
TW0236A TAI-SAW-TW0236A Datasheet
190Kb / 5P
SMD 7.0x5.0 125MHz Crystal Oscillator
More results

Descripción similar - TW0233A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TW0228A TAI-SAW-TW0228A Datasheet
219Kb / 5P
SMD 3.2x2.5 48MHz Crystal Oscillator
TW0232A TAI-SAW-TW0232A Datasheet
207Kb / 5P
SMD 7.0x5.0 25MHz Crystal Oscillator
TW0277A TAI-SAW-TW0277A Datasheet
270Kb / 6P
SMD 3.2x2.5 16MHz Crystal Oscillator
TW0125A TAI-SAW-TW0125A Datasheet
368Kb / 7P
SMD 7.0x5.0 25MHz Crystal Oscillator
REV. NO.: 2.0
TW0363A TAI-SAW-TW0363A Datasheet
398Kb / 8P
SMD 5.0x3.2 25MHz Crystal Oscillator
REV. NO.: 1.0
TW0390A TAI-SAW-TW0390A Datasheet
128Kb / 8P
SMD 3.2x2.5 25MHz Crystal Oscillator
REV. NO.: 1.0
TW0426A TAI-SAW-TW0426A Datasheet
149Kb / 7P
SMD 3.2x2.5 125MHz Crystal Oscillator
REV. NO.: 1.0
TW0480A TAI-SAW-TW0480A Datasheet
170Kb / 8P
Crystal Oscillator SMD 3.2x2.5 16.67MHz
REV. NO: 1.0
TW0494B TAI-SAW-TW0494B Datasheet
218Kb / 8P
Crystal Oscillator SMD 3.2x2.5 27.00MHz
REV. NO: 5
TZ2496A TAI-SAW-TZ2496A Datasheet
304Kb / 7P
Glass SMD 3.2x2.5 25MHz Crystal Unit
REV. NO.: 1.0
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com