| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
C910606 Datasheet(PDF) 1 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
C910606 Datasheet(HTML) 1 Page - Microsemi Corporation |
|
1 / 2 page ![]() MDU1420 Series Microsemi Microwave Products 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748 Page 1 PLANAR TRANSCEIVERS TM ® Copyright 2008 Rev: 2009-02-10 Features Low cost Small and Flat Profile Rugged, Reliable Construction Low Power Consumption High Sensitivity Meets FCC Part 15 reqts. Description The MDU (Motion Detector Unit) is an X-Band microwave transceiver that utilizes the Doppler shift phenomenon to "sense" motion. The unit consists of a circuit board with a lightweight plastic housing. The circuit features a dielectric resonator stabilized FET oscillator, which provides stable operation over a broad temperature range in either CW or low duty cycle pulse mode and a balanced mixer for enhanced sensitivity and reliability. Applications Intrusion Alarms (Room, Vehicle) Automatic Door Openers Speed Measurement Collision Avoidance Traffic Control Presence Sensing This document only gives a general description of the product and shall not form part of any contract. Microwave Solutions pursue a policy of continuous product improvement and reserve the right from time to time to amend the specifications of products. |
Número de pieza similar - C910606 |
|
Descripción similar - C910606 |