Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VI-LUT-IX Datasheet(PDF) 2 Page - Vicor Corporation

No. de pieza VI-LUT-IX
Descripción Electrónicos  50 to 600W Autoranging AC-DC Switchers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-LUT-IX Datasheet(HTML) 2 Page - Vicor Corporation

  VI-LUT-IX Datasheet HTML 1Page - Vicor Corporation VI-LUT-IX Datasheet HTML 2Page - Vicor Corporation VI-LUT-IX Datasheet HTML 3Page - Vicor Corporation VI-LUT-IX Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FlatPAC Specifications
(Typical at 25°C, nominal line and 75% load, unless otherwise specified.)
Input Characteristics
AC line input
Autoranging
90-132/180-264Vac
Line frequency
47 to 63Hz (C-grade and E-grade)
47 to 440Hz (I-grade)
Inrush current
115Vac operation
1 converter: 16A @ peak line; 2 converters: 23A @ peak line; 3 converters: 39A @ peak line
230Vac operation
1 converter: 32A @ peak line; 2 converters: 47A @ peak line; 3 converters: 78A @ peak line
Ride-through time (full load)
90/180Vac low line
5ms minimum
115/230Vac nominal line
40ms minimum
AC fail warning time
5ms minimum (low line, full load)
AC and BUS OK (2 converter and 3 converter models only)
Off state
Vce = 70V maximum
On state
Vcesat = 0.4V maximum @ 1mA (1.5mA max.)
Module disable (2 converter and 3 converter models only, optically isolated LED input)
Continuous forward current
1 mA to 30mA
Forward voltage
1.65V max. at 30mA
Dielectric withstand
Primary to chassis GND
2,121Vdc
Primary to secondary
4,242Vdc
Secondary to chassis GND
707Vdc
Output Characteristics (applies to each output individually)
E-Grade
C-, I-Grade
MIN.
TYP.
MAX.
MIN.
TYP.
MAX
UNITS
NOTES
Setpoint accuracy
1%
2%
0.5%
1%
VNOM
Load/line regulation
0.5%
0.05%
0.2%
VNOM
LL to HL, 10% to Full Load
Load/line regulation
1%
0.2%
0.5%
VNOM
LL to HL, No Load to full load
Output temperature drift
0.02
0.01
0.02
%/°C
Over rated temperature
Long term drift
0.02
0.02
%/1k hours
Output ripple
2V
150mV
60mV
100mV
p-p
20MHz bandwidth
5V
5%
2%
3%
p-p
20MHz bandwidth
10-48V
3%
0.75%
1.5%
p-p
20MHz bandwidth
Output voltage trimming
1
50%
110%
50%
110%
Total remote sense
compensation
0.5
0.5
Volts
0.25V max. neg. leg
OVP setpoint
125%
115%
125%
135%
V
NOM
Recycle power
Current limit
105%
135%
105%
125%
I
NOM
Automatic restart
Short circuit current
2
20%
140%
20%
130%
I
NOM
Thermal Characteristics
Efficiency
78-88%
80-90%
Shutdown temp. — case
90
95
105
90
95
105
°C
Cool and recycle power to restart
Operating temp. — case
85
85
°C
See Thermal Curves
Mechanical Specifications
Weight
3
22.4 (652)
22.4 (652)
Ounces (Grams)
Safety Agency Approvals
UL, CSA, TÜV, VDE, IEC 950, CE Marked for low voltage directive, 73/23/EEC
Environmental Characteristics/Product Grade Designators
Storage temperature
-20°C to +100°C (C-grade and E-grade)
-55°C to +100°C (I-grade)
Operating temperature (case)
0°C to +85°C (C-grade and E-grade)
-30°C to +85°C (I-grade)
EMI / EMC Characteristics (Performed on selected samples representative of the U Series FlatPac product family.)
Conducted emissions, LISN
EN 55022 and FCC R&R, Part 15, Subpart B, Class B
Electrostatic discharge
IEC 801-2, 1991, Level 4; ±8kV Contact, ± 15kV Air Discharge
RF radiated immunity, E-field
IEC 801-3, 1984; 27MHz to 500MHz, 3 V/M, CW
Electrical fast transients/burst
EN 61000-4-4, Level 2; ±1kV,
Surge immunity
EN 61000-4-5, Class 3; ±2kV Line to Ground, ±1kV Line to Line
110, 12V and 15V outputs, trim range ±10%. Consult factory for wider trim range.
2Output voltages of 5V or less incorporate foldback current limiting, greater than 5V incorporate straight line current limiting.
3For MU, PU series, multiply value by 2; for NU, QU, RU series, multiply value by 3.
FlatPAC 10/02
2 of 4



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com