Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HC114T Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

No. de pieza HC114T
Descripción Electrónicos  NPN SILICON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Página de inicio  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HC114T Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HC114T Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
 
█ APPLICATIONS
Switching Circuit,Interface Circuit.
█ ABSOLUTE MAXIMUM RATINGS(T
a=25℃)
█ ELECTRICAL CHARACTERISTICS(T
a=25℃)
Symbol 
Characteristics 
Min 
Typ 
Max 
Unit 
Test Conditions 
BVCBO
Collector-Base Breakdown Voltage
50 
 
 
V 
IC=50μA, IE=0
BVCEO
Collector-Emitter Breakdown Voltage
50 
 
 
V 
IC=1mA, IB=0 
BVEBO
Emitter-Base Breakdown Voltage
5 
 
 
V 
IE=50μA,IC=0
ICBO
Collector Cut-off Current
 
 
0.1 
μA  VCB=50V, IE=0
IEBO
Emitter Cut-off Current
 
 
0.1 
μA  VEB=4V, IC=0
HFE 
DC Current Gain 
100 
 
600 
 
VCE=5V, IC=1mA 
VCE(sat)  Collector- Emitter Saturation Voltage 
 
 
0.3 
V 
IC=10mA, IB=1mA 
VI(off)  Input Off Voltage
0.4  0.55  0.8 
V 
VCE=5V, IC=0.1mA 
VI(on) Input On Voltage
0.7 
1.2 
3.0 
V 
VCE=0.2V, IC=10mA
R1
Input Resistor
7.0 
10 
13 
KΩ   
fT
Current Gain-Bandwidth Product
 
250 
 
MHz 
VCE=10V,IC=5mA
Cob
Output Capacitance
 
3.7 
 
pF 
VCB=10V,f=1MHz
Tstg——Storage Temperature………………………… -55~150℃
Tj——Junction Tempe rature…………………………………150℃
PC——Collector Dissipation…………………………………300mW
VCBO——Collector-Base Voltage………………………………50V
VCEO——Collector-Emitter Voltage……………………………50V
VEBO ——Emitter -Base Voltage………………………………5V
IC——Collector Current………………………………………100mA
1―Emitter,E
2―Collector,C
3―Base,B
TO-92S
HC114T
NPN DIGITAL T R A N S I S T O R


Número de pieza similar - HC114T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
HC11400 ETC1-HC11400 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
HC11401 ETC1-HC11401 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
HC11403 ETC1-HC11403 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
HC11407 ETC1-HC11407 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
logo
SHANTOU HUASHAN ELECTRO...
HC114E HUASHAN-HC114E Datasheet
512Kb / 2P
NPN SILICON TRANSISTOR
More results

Descripción similar - HC114T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com