Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PSFT70 Datasheet(PDF) 1 Page - Powersem GmbH

No. de pieza PSFT70
Descripción Electrónicos  Three Phase Full Controlled Bridges with freewheeling diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWERSEM [Powersem GmbH]
Página de inicio  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSFT70 Datasheet(HTML) 1 Page - Powersem GmbH

  PSFT70 Datasheet HTML 1Page - Powersem GmbH PSFT70 Datasheet HTML 2Page - Powersem GmbH PSFT70 Datasheet HTML 3Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
 2003 POWERSEM reserves the right to change limits, test conditions and dimensions
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
Three Phase
PSFT 70
IdAV
= 70 A
Full Controlled Bridges
VRRM
= 400-1600 V
with freewheeling diode
Preliminary Data Sheet
VRSM
VDSM
VRRM
VDRM
Type
500
400
PSFT 70/04
900
800
PSFT 70/08
1300
1200
PSFT 70/12
1500
1400
PSFT 70/14
*1700
*1600
PSFT 70/16
* Delivery on request
Symbol
Test Conditions
Maximum Ratings
IdAV
TC = 85 °C
per module
70
A
ITSM
TVJ = 45°C
t = 10 ms
(50 Hz), sine
550
A
VR = 0
t = 8.3 ms (60 Hz), sine
600
A
TVJ = TVJM
t = 10 ms
(50 Hz), sine
500
A
VR = 0
t = 8.3 ms (60 Hz), sine
550
A
∫ i2 dt
TVJ = 45°C
t = 10 ms
(50 Hz), sine
1520
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
1520
A
2 s
TVJ = TVJM
t = 10 ms
(50 Hz), sine
1250
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
1250
A
2 s
(di/dt)cr
TVJ = TJVM
repetitive, IT = 50 A
150
A/
µs
f = 50Hz, tP = 200µs
VD = 2/3 VDRM
IG = 0.3 A
non repetitive, IT =1/2
. IdAV
500
A/
µs
diG/dt = 0.3 A/µs
(dv/dt)cr
TVJ = TVJM
VDR = 2/3 VDRM
1000
V/
µs
RGK = ∞, method 1 (linear voltage rise)
PGM
TVJ = TVJM
tP = 30µs
10
W
IT = ITAVM
tP = 500µs
5
W
PGAVM
0.5
W
VRGM
10
V
TVJ
-40 ... + 125
°C
TVJM
125
°C
Tstg
-40 ... + 125
°C
VISOL
50/60 HZ, RMS
t = 1 min
2500
V
IISOL ≤ 1 mA
t = 1 s
3000
V
Md
Mounting torque
(M5)
2 - 2.5
Nm
Weight
typ.
100
g
Features
Package with fast-on terminals
Isolation voltage 3000 V∼
Planar glasspassivated chips
Low forward voltage drop
• UL registered E 148688
Applications
Heat and temperature control for
industrial furnaces and chemical
processes
Lighting control
Motor control
Power converter
Advantages
Easy to mount with two screws
Space and weight savings
Improved temperature and power
cycling capability
High power density
Package, style and outline
Dimensions in mm (1mm = 0.0394“)
~
~
~


Número de pieza similar - PSFT70

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
PSF VISHAY-PSF Datasheet
90Kb / 4P
Metal Film Resistors, High Precision, High Stability, Surface Mount
13-Jul-12
logo
CUI INC
PSF-100 CUI-PSF-100 Datasheet
1Mb / 7P
AC-DC POWER SUPPLY
PSF-100-A CUI-PSF-100-A Datasheet
1Mb / 7P
AC-DC POWER SUPPLY
PSF-100-B CUI-PSF-100-B Datasheet
1Mb / 7P
AC-DC POWER SUPPLY
PSF-100-C CUI-PSF-100-C Datasheet
1Mb / 7P
AC-DC POWER SUPPLY
More results

Descripción similar - PSFT70

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Powersem GmbH
PSCT50 POWERSEM-PSCT50 Datasheet
170Kb / 3P
Single Phase Full Controlled Bridges with freewheeling diode
PSCT55 POWERSEM-PSCT55 Datasheet
186Kb / 3P
Single Phase Full Controlled Bridges with freewheeling diode
PSCT75 POWERSEM-PSCT75 Datasheet
191Kb / 3P
Single Phase Full Controlled Bridges with freewheeling diode
PSCT85 POWERSEM-PSCT85 Datasheet
208Kb / 3P
Single Phase Full Controlled Bridges with freewheeling diode
PSCT125 POWERSEM-PSCT125 Datasheet
212Kb / 3P
Single Phase Full Controlled Bridges with freewheeling diode
PSDT70 POWERSEM-PSDT70 Datasheet
171Kb / 3P
Three Phase Full Controlled Bridges
PSDT75 POWERSEM-PSDT75 Datasheet
201Kb / 3P
Three Phase Full Controlled Bridges
PSDT110 POWERSEM-PSDT110 Datasheet
207Kb / 3P
Three Phase Full Controlled Bridges
PSDT175 POWERSEM-PSDT175 Datasheet
207Kb / 3P
Three Phase Full Controlled Bridges
PSFH70 POWERSEM-PSFH70 Datasheet
171Kb / 3P
Three Phase Half Controlled Bridges with freewheeling diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com