| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UTCLM358 Datasheet(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UTCLM358 Datasheet(HTML) 2 Page - Unisonic Technologies |
|
2 / 5 page ![]() UTCLM358 LINEAR INTEGRATED CIRCUIT UTC UNISONIC TECHNOLOGIES CO.,LTD. 2 QW-R105-001,A BLOCK DIAGRAM For one channel INPUT (-) INPUT (+) Vcc OUTPUT Vee T16 T17 T18 R1 R2 T13 T14 T15 T12 T10 T11 C1 T9 T8 T3 T4 T6 T5 T7 T1 T20 T21 T2 ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL VALUE UNIT Supply Voltage Vcc +-16 or 32 V Differential Input Voltage VI(DIFF) +-32 V Input Voltage VI -0.3 ~ +32 V Output Short to Ground Continuous Operating Temperature Range TOPR 0 ~ +70 °C Storage Temperature Range TSTG -65 ~ +150 °C |