| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IP4366CX8/P Datasheet(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IP4366CX8/P Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 14 page ![]() IP4064CX8_IP4364CX8_IP4366CX8_2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 02 — 11 February 2010 8 of 14 NXP Semiconductors IP4064CX8; IP4364CX8; IP4366CX8 Integrated SIM card passive filter array with ESD protection Table 5. Dimensions for Figure 8 Symbol Min Typ Max Unit IP4064CX8 A 0.60 0.65 0.70 mm A1 0.22 0.24 0.26 mm A2 0.38 0.41 0.44 mm b 0.27 0.32 0.37 mm D 1.36 1.41 1.46 mm E 1.36 1.41 1.46 mm e - 0.5 - mm e1 - 1.0 - mm IP4364CX8 and IP4366CX8 A 0.56 0.61 0.66 mm A1 0.18 0.20 0.22 mm A2 0.38 0.41 0.44 mm b 0.21 0.26 0.31 mm D 1.11 1.16 1.21 mm E 1.11 1.16 1.21 mm e - 0.4 - mm e1 - 0.8 - mm |