Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M24LR64-R-DW6T/2 Datasheet(PDF) 64 Page - STMicroelectronics

No. de pieza M24LR64-R-DW6T/2
Descripción Electrónicos  64 Kbit EEPROM with password protection & dual interface: 400kHz I짼C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R-DW6T/2 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button M24LR64-R-DW6T/2 Datasheet HTML 60Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 61Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 62Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 63Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 64Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 65Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 66Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 67Page - STMicroelectronics M24LR64-R-DW6T/2 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 126 page
background image
Response format
M24LR64-R
64/126
Doc ID 15170 Rev 8
20
Response format
The response consists of:
●
an SOF
●
flags
●
parameters and data
●
a CRC
●
an EOF
20.1
Response flags
In a response, the flags indicate how actions have been performed by the M24LR64-R and
whether corresponding fields are present or not. The response flags consist of eight bits.
Table 27.
General response format
S
O
F
Response_flags
Parameters
Data
CRC
E
O
F
Table 28.
Definitions of response flags 1 to 8
Bit No
Flag
Level
Description
Bit 1
Error_flag
0
No error
1
Error detected. Error code is in the "Error" field.
Bit 2
RFU
0
Bit 3
RFU
0
Bit 4
Extension flag
0
No extension
Bit 5
RFU
0
Bit 6
RFU
0
Bit 7
RFU
0
Bit 8
RFU
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More