Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSL-157RGB Datasheet(PDF) 2 Page - Unity Opto Technology

No. de pieza MSL-157RGB
Descripción Electrónicos  Surface Mount Full Color Chip LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UOT [Unity Opto Technology]
Página de inicio  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MSL-157RGB Datasheet(HTML) 2 Page - Unity Opto Technology

  MSL-157RGB Datasheet HTML 1Page - Unity Opto Technology MSL-157RGB Datasheet HTML 2Page - Unity Opto Technology MSL-157RGB Datasheet HTML 3Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSL-157RGB
Optical-Electrical Characteristics
Blue
Parameter
Test Conditions
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IF=20mA
IV
15
40
-
mcd
Forward Voltage
IF=20mA
VF
-
3.7
4.2
V
Reverse Current
IR
-
-
100
µA
Peak/Dominant Wavelength
IF=20mA
λ
d
-
470
-
nm
Spectral Linewidth
IF=20mA
∆λ
-
26
-
nm
Viewing Angle
IF=20mA
1/2
-
120
-
deg.
Green
Parameter
Test Conditions
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IF=20mA
IV
70
150
-
mcd
Forward Voltage
IF=20mA
VF
-
3.7
4.2
V
Reverse Current
IR
-
-
100
µA
Peak/Dominant Wavelength
IF=20mA
λ
d
-
525
-
nm
Spectral Linewidth
IF=20mA
∆λ
-
35
-
nm
Viewing Angle
IF=20mA
1/2
-
120
-
deg.
Orange
Parameter
Test Conditions
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IF=20mA
IV
25
50
-
mcd
Forward Voltage
IF=20mA
VF
-
2.0
2.6
V
Reverse Current
IR
-
-
100
µA
Peak/Dominant Wavelength
IF=20mA
λ
d
-
625
-
nm
Spectral Linewidth
IF=20mA
∆λ
-
20
-
nm
Viewing Angle
IF=20mA
1/2
-
120
-
deg.
Typical Optical-Electrical Characteristic Curves
VR=5V
VR=5V
VR=5V
08/07/2001
0
0.5
1
400
480
550
630
Unity Opto Technology Co., Ltd.
Wavelength (nm)
FIG.1 RELATIVE INTENSITY LUMINOUS
VS. WAVELENGTH
@ T
A=25
oC
@ T
A=25
oC
@ T
A=25
oC
B
G
R



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com