Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MIM-0KM3ASF Datasheet(PDF) 2 Page - Unity Opto Technology

No. de pieza MIM-0KM3ASF
Descripción Electrónicos  INFRARED RECEIVER MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UOT [Unity Opto Technology]
Página de inicio  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIM-0KM3ASF Datasheet(HTML) 2 Page - Unity Opto Technology

  MIM-0KM3ASF Datasheet HTML 1Page - Unity Opto Technology MIM-0KM3ASF Datasheet HTML 2Page - Unity Opto Technology MIM-0KM3ASF Datasheet HTML 3Page - Unity Opto Technology MIM-0KM3ASF Datasheet HTML 4Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MIM-0KM3ASF
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Remark
Supply voltage
VCC
5.8
V
Operating temperature
Topr
-10 ~ + 60
Storage temperature
Tstg
-20 ~ + 75
Soldering temperature
Tsd
260
Maximum 5 seconds
Electro-optical characteristics (Vcc=2.4V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Remarks
Current consumption
Icc
5.0
mA
Under no signal
Response wavelength
λp
940
nm
Tuning frequency
f0
KHZ
Output form
- - - - - active low output - - - - -
H level output voltage
V0h
2.2
V
L level output voltage
V0l
0.5
V
H level output pulse width
Twh
400
800
μs
L level output pulse width
Twl
400
800
μs
Distance between emitter & detector
L
10.0
m
Note 1
Half angle
△Θ
±45
deg
Horizonal direction
Test Method
A. Standard Transmitter
B. Detection Length Test
02/06/2001
37.9 , 32.7 , 40.0 , 36.7 , 56.7
Unity Opto Technology Co., Ltd.
@ Ta=25℃
(Ta=25°C , Vcc=2.4V)
carrier frequency f0
duty 50%
ON/OFF pulse width satisfied from 25 cm to detection limit
600
µs
600
µs
600
µs
Fig 1. Burst Wave
Fig 2. Standard Transmitter Measurement circuit
+2.4V
10
µF
Vout
25cm
Transmitter
Duty 50%
Oscilloscope
GND
10k
θ
θ
Vout
D.U.T
L
Transmitter output
θ: indicates horizontal and vertical directions



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com