Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MIE-324A2 Datasheet(PDF) 1 Page - Unity Opto Technology

No. de pieza MIE-324A2
Descripción Electrónicos  AlGaAs/GaAs HIGH POWER T-1 PACKAGE INFRARED EMITTING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UOT [Unity Opto Technology]
Página de inicio  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIE-324A2 Datasheet(HTML) 1 Page - Unity Opto Technology

  MIE-324A2 Datasheet HTML 1Page - Unity Opto Technology MIE-324A2 Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AlGaAs/GaAs HIGH POWER T-1 PACKAGE
INFRARED EMITTING DIODE
MIE-324A2
Description
Package Dimensions
The MIE-324A2 is a high power infrared eimtting
diode in GaAs technology with AlGaAs window
coating molded in water clear plastic package.
Features
l
High radiant power and high radiant intensity
l
Suitable ror DC and high pulse current operation
l
Standard T-1 (
φ 3mm) package, radiation angle: 40°
l
Peak wavelength
λp = 940 nm
l
Good spectral matching to si-photodetector
Absolute Maximum Ratings
@ TA=25
oC
Parameter
Maximum Rating
Unit
Power Dissipation
120
mW
Peak Forward Current(300pps,10
µs pulse)
1
A
Continuos Forward Current
100
mA
Reverse Voltage
5
V
Operating Temperature Range
-55
oC to +100oC
Storage Temperature Range
-55
oC to +100oC
Lead Soldering Temperature
260
oC for 5 seconds
02/04/2002
Unity Opto Technology Co., Ltd.
Unit : mm (inches )
C
A
2.54NOM.
(.100)
1.00MIN.
(.039)
SEE NOTE 2
φ 3.10±0.20
(.122±.008)
0.50 TYP.
(.020)
23.40MIN.
(.920)
φ 3.55±0.25
(.140±.010)
5.28±0.30
(.208±.012)
SEE NOTE 3
4.28±0.20
(.169±.008)
3.85
(.152)
Notes :
1. Tolerance is ± 0.25 mm (.010") unless otherwise noted.
2. Protruded resin under flange is 1.5 mm (.059") max.
3. Lead spacing is measured where the leads emerge from the package.


Número de pieza similar - MIE-324A2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unity Opto Technology
MIE-324A4 UOT-MIE-324A4 Datasheet
32Kb / 2P
AlGaAs/GaAs HIGH POWER T-1 PACKAGE INFRARED EMITTING DIODE
More results

Descripción similar - MIE-324A2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unity Opto Technology
MIE-304A2 UOT-MIE-304A2 Datasheet
31Kb / 2P
AlGaAs/GaAs HIGH POWER T-1 PACKAGE INFRARED EMITTING DIODE
MIE-304A4 UOT-MIE-304A4 Datasheet
31Kb / 2P
AlGaAs/GaAs HIGH POWER T-1 PACKAGE INFRARED EMITTING DIODE
MIE-324A4 UOT-MIE-324A4 Datasheet
32Kb / 2P
AlGaAs/GaAs HIGH POWER T-1 PACKAGE INFRARED EMITTING DIODE
MIE-334A4 UOT-MIE-334A4 Datasheet
32Kb / 2P
AlGaAs/GaAs T-1 PACKAGE INFRARED EMITTING DIODE
MIE-384A4 UOT-MIE-384A4 Datasheet
30Kb / 2P
AlGaAs/GaAs T-1 PACKAGE INFRARED EMITTING DIODE
MIE-514A4 UOT-MIE-514A4 Datasheet
33Kb / 2P
AlGaAs/GaAs HIGH POWER T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-516A2U UOT-MIE-516A2U Datasheet
29Kb / 2P
AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-524A4 UOT-MIE-524A4 Datasheet
32Kb / 2P
AlGaAs/GaAs HIGH POWER T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-534A4 UOT-MIE-534A4 Datasheet
30Kb / 2P
AlGaAs/GaAs HIGH POWER T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-824A4 UOT-MIE-824A4 Datasheet
31Kb / 2P
AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com