Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MIE-114H4 Datasheet(PDF) 2 Page - Unity Opto Technology

No. de pieza MIE-114H4
Descripción Electrónicos  AlGaAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UOT [Unity Opto Technology]
Página de inicio  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIE-114H4 Datasheet(HTML) 2 Page - Unity Opto Technology

  MIE-114H4 Datasheet HTML 1Page - Unity Opto Technology MIE-114H4 Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MIE-114H4
Optical-Electrical Characteristics
@ TA=25
oC
Parameter
Test Conditions
Symbol
Min.
Typ .
Max.
Unit
Radiant Incidance
IF=20mA
Ee
-
1.0
-
mW/cm
2
Forward Voltage
IF=20mA
VF
-
1.5
1.6
V
Reverse Current
VR=5V
IR
-
-
100
µA
Peak Wavelength
IF=20mA
λp
-
850
-
nm
Spectral Bandwidth
IF=20mA
∆λ
-
30
-
nm
View Angle
IF=20mA
1/2
-
80
-
deg .
Typical Optical-Electrical Characteristic Curves
02/04/2002
Unity Opto Technology Co., Ltd.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-20
0
20
40
60
Ambient Temperature TA(
oC)
FIG.3 RELATIVE RADIANT INTENSITY
VS. AMBIENT TEMPERATURE
0
0.5
1
750
850
950
Wavelength (nm)
FIG.1 SPECTRAL DISTRIBUTION
0
1
2
3
4
5
0
20
40
60
80
100
Forward Current (mA)
FIG.4 RELATIVE RADIANT INTENSITY
VS. FORWARD CURRENT
0
20
40
60
80
100
0.8
1.2
1.6
2.0
2.4
2.8
Forward Voltage (V)
FIG.2 FORWARD CURRENT VS.
FORWARD VOLTAGE
30°
40°
50°
60°
70°
80°
90°
0.5 0.3 0.1
0.2 0.4 0.6
1.0
0.9
0.8
10°
20°
FIG.5 RADIATION DIAGRAM



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com