| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS128MSDOM7H Datasheet(PDF) 3 Page - Transcend Information. Inc. |
|
|
|||||||||||||||||||||||||||||
TS128MSDOM7H Datasheet(HTML) 3 Page - Transcend Information. Inc. |
|
3 / 14 page ![]() T T TS S S1 1 12 2 28 8 8M M M~ ~ ~8 8 8G G GS S SD D DO O OM M M7 7 7H H H 7P Horizontal Type SATA Flash Modules Transcend Information Inc. V0.1 3 * Note : The performance is based on Samsung K9F8G08U0M, single channel. Environment: at 25 ℃, tested with GA-8IG1000MK, 256 MB RAM, SATA interface support UDMA5, Windows ® XP Version 2002 SP2, benchmark utility : HDBENCH (version 3.4006), copied file 100MB Actual Capacity Model P/N Capacity C/H/S Capacity User capacity (Bytes) TS512MSDOM7H 512M 971 / 16 / 63 477MB 500,432,896 TS1GSDOM7H 1GB 1966 / 16 / 63 967MB 1,014,333,440 TS2GSDOM7H 2GB 3900 / 16 / 63 1.87GB 2,008,801,280 TS4GSDOM7H 4GB 7785 / 16 / 63 3.73GB 4,009,922,560 TS8GSDOM7H 8GB 15538 / 16 / 63 7.46GB 8,016,560,128 * Note: FAT format for <4GB, FAT32 format for 4~8GB Reliability Data Reliability 13bit/1K Byte BCH ECC(2k+64 / 4k+128 byte per page flash) 24bit/1K Byte BCH ECC(4k+208 byte per page flash) Data Retention 10 years Connector Durability 500 mating cycles Performance* Model P/N Read (KB/s) Write (KB/s) Random Read (KB/s) Random Write (KB/s) 2GB SATA Flash Module 53696 25491 51174 10518 Certification EMC CE, FCC and BSMI (T.B.D) |