Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSPIC33FJ32GS406 Datasheet(PDF) 19 Page - Microchip Technology

No. de pieza DSPIC33FJ32GS406
Descripción Electrónicos  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GS406 Datasheet(HTML) 19 Page - Microchip Technology

Back Button DSPIC33FJ32GS406 Datasheet HTML 15Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 16Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 17Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 18Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 19Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 20Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 21Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 22Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 416 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70591B-page 19
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
1.0
DEVICE OVERVIEW
This document contains device-specific information for
the following dsPIC33F Digital Signal Controller (DSC)
devices:
• dsPIC33FJ32GS406
• dsPIC33FJ32GS606
• dsPIC33FJ32GS608
• dsPIC33FJ32GS610
• dsPIC33FJ64GS406
• dsPIC33FJ64GS606
• dsPIC33FJ64GS608
• dsPIC33FJ64GS610
The
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610 families of devices
contain extensive Digital Signal Processor (DSP) func-
tionality with a high-performance 16-bit microcontroller
(MCU) architecture.
Figure 1-1 shows a general block diagram of the core
and peripheral modules in the dsPIC33FJ32GS406/
606/608/610 and dsPIC33FJ64GS406/606/608/610
devices. Table 1-1 lists the functions of the various pins
shown in the pinout diagrams.
Note:
This data sheet summarizes the features
of the dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610
families of devices. It is not intended to be
a comprehensive reference source. To
complement the information in this data
sheet, refer to the “dsPIC33F/PIC24H
Family Reference Manual”. Please see
the Microchip web site (www.micro-
chip.com) for the latest dsPIC33F/PIC24H
Family Reference Manual sections.