Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS1971 Datasheet(PDF) 14 Page - ams AG

No. de pieza AS1971
Descripción Electrónicos  Low-Voltage Single/Dual/Quad Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSCO [ams AG]
Página de inicio  http://www.ams.com
Logo AMSCO - ams AG

AS1971 Datasheet(HTML) 14 Page - ams AG

Back Button AS1971 Datasheet HTML 10Page - ams AG AS1971 Datasheet HTML 11Page - ams AG AS1971 Datasheet HTML 12Page - ams AG AS1971 Datasheet HTML 13Page - ams AG AS1971 Datasheet HTML 14Page - ams AG AS1971 Datasheet HTML 15Page - ams AG AS1971 Datasheet HTML 16Page - ams AG AS1971 Datasheet HTML 17Page - ams AG AS1971 Datasheet HTML 18Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
www.austriamicrosystems.com
Revision 1.02
14 - 18
AS1970
Data Sheet - Pa ckage Drawings and Mark ings
10 Package Drawings and Markings
The AS1970 - AS1975 are available in a 5-pin SOT23 package and an 8-pin MSOP package.
Figure 23. 5-pin SOT23 Package
Notes:
1. Controlling dimension is millimeters.
2. Foot length measured at intercept point between datum A and lead surface.
3. Package outline exclusive of mold flash and metal burr.
4. Package outline inclusive of solder plating.
5. Meets JEDEC MO178.
Symbol
Min
Max
A0.90
1.45
A1
0.00
0.15
A2
0.90
1.30
b0.30
0.50
C0.09
0.20
D2.80
3.05
E2.60
3.00
E1
1.50
1.75
L0.30
0.55
e0.95 REF
e1
1.90 REF
α
0º
8º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18