| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS1105 Datasheet(PDF) 9 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1105 Datasheet(HTML) 9 Page - ams AG |
|
9 / 15 page ![]() www.austriamicrosystems.com Revision 1.34 9 - 15 AS1105 Data Sheet - D e t a i l e d D e s c r i p t i o n Figure 6. Standard 7-segment LED Table 10. Intensity Register Format (address (hex) = 0xXA) Duty Cycle D7 D6 D5 D4 D3 D2 D1 D0 Hex Code 1/32 (min on) X X X X 0 0 0 0 0xX0 3/32 X X X X 0 0 0 1 0xX1 5/32 X X X X 0 0 1 0 0xX2 7/32 X X X X 0 0 1 1 0xX3 9/32 X X X X 0 1 0 0 0xX4 11/32 X X X X 0 1 0 1 0xX5 13/32 X X X X 0 1 1 0 0xX6 15/32 X X X X 0 1 1 1 0xX7 17/32 X X X X 1 0 0 0 0xX8 19/32 X X X X 1 0 0 1 0xX9 21/32 X X X X 1 0 1 0 0xXA 23/32 X X X X 1 0 1 1 0xXB 25/32 X X X X 1 1 0 0 0xXC 27/32 X X X X 1 1 0 1 0xXD 29/32 X X X X 1 1 1 0 0xXE 31/32 (max on) X X X X 1 1 1 1 0xXF Table 11. Scan-limit register format (address (hex) = 0xXB) Scan Limit Register Data Hex Code D7 D6 D5 D4 D3 D2 D1 D0 Display digit 0 only X X X X X 0 0 0 0xX0 Display digits 0 & 1 X X X X X 0 0 1 0xX1 Display digits 0 1 2 X X X X X 0 1 0 0xX2 Display digits 0 1 2 3 X X X X X 0 1 1 0xX3 A B C D E F G DP |