| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
JGC0348 Datasheet(PDF) 1 Page - IDEA.lnc. |
|
|
|||||||||||||||||||||||||||||
JGC0348 Datasheet(HTML) 1 Page - IDEA.lnc. |
|
1 / 2 page ![]() JGC0348 Page 1 of 2 * Specifications subject to change without notice. Dimensions are in mm±0.1 unless stated otherwise. IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0507 The 0348 series is designed to mount to pads on the lower side of a PCB with the LED viewed through a hole. This has the benefit of maintaining all parts of the LED below the surface of the PCB, making it especially suitable for use with membrane overlays and applications where a smooth front surface is desired. PART NO. Chip Lens Color Material Emitted Color JGC0348 AlGaInP Super Yellow Green Water Clear |
Número de pieza similar - JGC0348 |
|
Descripción similar - JGC0348 |