| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LSIR3333/TRS Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd. |
|
|
|||||||||||||||||||||||||||||
LSIR3333/TRS Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd. |
|
8 / 9 page ![]() Anode side(cathode side on GaAlAs chips) 2. The LED lamps are designed for high-density mount- ing and have a structure which can alleviate mechan- ical stress due to clinching . Nevertheless , take care to avoid the occurrence of residual mechanical stress due to clinching . LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only Mounting: 1. If the leads are subjected to stress during soldering a printed circuit board, illumination failure may result immediately or later during use. For this reason, make sure that the intervals between the installation holes in the board are equal to the intervals between the leads (after forming if done) so that no stress is applied to the lead. (O) (O) (X) Page 7/8 PART NO. 45 ° 15 ° LSIR3333/TRS |