| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HT9302D Datasheet(PDF) 22 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT9302D Datasheet(HTML) 22 Page - Holtek Semiconductor Inc |
|
22 / 33 page ![]() Package Information 16-pin DIP (300mil) Outline Dimensions · MS-001d (see fig1) Symbol Dimensions in mil Min. Nom. Max. A 780 ¾ 880 B 240 ¾ 280 C 115 ¾ 195 D 115 ¾ 150 E14 ¾ 22 F45 ¾ 70 G ¾ 100 ¾ H 300 ¾ 325 I ¾¾ 430 · MS-001d (see fig2) Symbol Dimensions in mil Min. Nom. Max. A 735 ¾ 775 B 240 ¾ 280 C 115 ¾ 195 D 115 ¾ 150 E14 ¾ 22 F45 ¾ 70 G ¾ 100 ¾ H 300 ¾ 325 I ¾¾ 430 HT9302 Series Rev. 1.30 22 May 13, 2009 1 6 1 9 8 A B C D E F G H I Fig1. Full Lead Packages 1 6 1 9 8 A B C D E F G H I Fig2. 1/2 Lead Packages |