| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HT45R37V Datasheet(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45R37V Datasheet(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 90 page ![]() Block Diagram Pin Assignment HT45R37V Rev. 1.00 2 October 20, 2009 O T P P r o g r a m m i n g C i r c u i t r y W a t c h d o g T i m e r W a t c h d o g T i m e r O s c i l l a t o r 8 - b i t R I S C M C U C o r e R e s e t C i r c u i t I n t e r r u p t C o n t r o l l e r E x t e r n a l R C / C r y s t a l O s c i l l a t o r L o w V o l t a g e R e s e t A / D C o n v e r t e r S t a c k O T P P r o g r a m M e m o r y R A M D a t a M e m o r y P r o g r a m m a b l e F r e q u e n c y G e n e r a t o r I 2 C / S P I I / O P o r t s P W M G e n e r a t o r L o w V o l t a g e D e t e c t E x t e r n a l R T C O s c i l l a t o r T i m e r s I n t e r n a l R C O s c i l l a t o r C / R t o F G e n e r a t o r V F D D r i v e r & L D O R e g u l a t o r H T 4 5 R 3 7 V 5 2 Q F P - A C R E F R R E F R C O U T / I N P A 0 / B Z / R C 0 P A 1 / B Z / R C 1 P A 2 / T M R 0 / R C 2 N C P B 0 / A N 0 P A 3 / P F D / R C 3 P D 0 / P W M 0 / R C 8 P B 1 / A N 1 P A 4 / T M R 1 / S C S / R C 4 P A 5 / S C K / S C L / R C 5 V F D 1 1 V F D 1 2 V F D 1 3 V F D 1 4 V F D 1 5 V F D 1 6 V F D 1 7 V F D 1 8 V F D 1 9 V F D 2 0 V F D 2 1 V F D 2 2 V F D 2 3 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 3 4 3 5 3 6 3 7 3 8 3 9 4 8 4 9 5 0 5 1 5 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 4 0 4 1 4 2 4 3 4 4 4 5 4 6 4 7 |