Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RJK2006DPF Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza RJK2006DPF
Descripción Electrónicos  Silicon N Channel MOS FET High Speed Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK2006DPF Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK2006DPF Datasheet HTML 1Page - Renesas Technology Corp RJK2006DPF Datasheet HTML 2Page - Renesas Technology Corp RJK2006DPF Datasheet HTML 3Page - Renesas Technology Corp RJK2006DPF Datasheet HTML 4Page - Renesas Technology Corp RJK2006DPF Datasheet HTML 5Page - Renesas Technology Corp RJK2006DPF Datasheet HTML 6Page - Renesas Technology Corp RJK2006DPF Datasheet HTML 7Page - Renesas Technology Corp RJK2006DPF Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RJK2006DPJ, RJK2006DPE, RJK2006DPF
REJ03G0512-0200 Rev.2.00 Nov 19, 2009
Page 3 of 7
Main Characteristics
50
40
30
20
10
0
0
24
6
8
10
50
40
30
20
10
0
0
4
8
12
16
20
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
1100
10
0.1
1
0.01
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Drain Current (Typical)
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Case Temperature Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature (Typical)
0
0.04
0.08
0.12
0.16
0.20
-25
0
50
25
75
100 125 150
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
110
100
1000
100
10
Reverse Drain Current IDR (A)
Body-Drain Diode Reverse
Recovery Time (Typical)
di / dt = 100 A /
μs
VGS = 0, Ta = 25°C
VGS = 10 V
Pulse Test
20 A
ID = 40 A
VDS = 10 V
Pulse Test
Tc = 75
°C
25
°C
−25°C
VGS = 10 V
Ta = 25
°C
Pulse Test
10 A
5.5 V
VGS = 5 V
6 V
6.5V
10 V
7 V
Ta = 25
°C
Pulse Test
Tc = 25
°C
1 shot
Operation in this
area is limited by
RDS(on)
10
μs
PW
=
100
μs
8 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com