| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ATmega16M1 Datasheet(PDF) 6 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega16M1 Datasheet(HTML) 6 Page - ATMEL Corporation |
|
6 / 365 page ![]() 6 7647F–AVR–04/09 ATmega16/32/64/M1/C1 3 PC1 I/O PSCIN1 (PSC Digital Input 1) OC1B (Timer 1 Output Compare B) SS_A (Alternate SPI Slave Select) PCINT9 (Pin Change Interrupt 9) 6 PC2 I/O T0 (Timer 0 clock input) TXCAN (CAN Transmit Output) PCINT10 (Pin Change Interrupt 10) 7 PC3 I/O T1 (Timer 1 clock input) RXCAN (CAN Receive Input) ICP1B (Timer 1 input capture alternate B input) PCINT11 (Pin Change Interrupt 11) 17 PC4 I/O ADC8 (Analog Input Channel 8) AMP1- (Analog Differential Amplifier 1 Negative Input) ACMPN3 (Analog Comparator 3 Negative Input) PCINT12 (Pin Change Interrupt 12) 18 PC5 I/O ADC9 (Analog Input Channel 9) AMP1+ (Analog Differential Amplifier 1 Positive Input) ACMP3 (Analog Comparator 3 Positive Input) PCINT13 (Pin Change Interrupt 13) 22 PC6 I/O ADC10 (Analog Input Channel 10) ACMP1 (Analog Comparator 1 Positive Input) PCINT14 (Pin Change Interrupt 14) 25 PC7 I/O D2A (DAC output) AMP2+ (Analog Differential Amplifier 2 Positive Input) PCINT15 (Pin Change Interrupt 15) 29 PD0 I/O PSCOUT0A(1) (PSC Module 0 Output A) PCINT16 (Pin Change Interrupt 16) 32 PD1 I/O PSCIN0 (PSC Digital Input 0) CLKO (System Clock Output) PCINT17 (Pin Change Interrupt 17) 1 PD2 I/O OC1A (Timer 1 Output Compare A) PSCIN2 (PSC Digital Input 2) MISO_A (Programming & alternate SPI Master In Slave Out) PCINT18 (Pin Change Interrupt 18) 2 PD3 I/O TXD (UART Tx data) TXLIN (LIN Transmit Output) OC0A (Timer 0 Output Compare A) SS (SPI Slave Select) MOSI_A (Programming & alternate Master Out SPI Slave In) PCINT19 (Pin Change Interrupt 19) Table 1-1. Pin out description (Continued) QFN32 Pin Number Mnemonic Type Name, Function & Alternate Function |