Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATtiny87-15MD Datasheet(PDF) 5 Page - ATMEL Corporation

No. de pieza ATtiny87-15MD
Descripción Electrónicos  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny87-15MD Datasheet(HTML) 5 Page - ATMEL Corporation

  ATtiny87-15MD Datasheet HTML 1Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 2Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 3Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 4Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 5Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 6Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 7Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 8Page - ATMEL Corporation ATtiny87-15MD Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
7792B–AVR–05/09
ATtiny87/ATtiny167 Automotive
2.
Grade 0 Qualification
The ATtiny87/ATtiny167 has been developed and manufactured according to the most strin-
gent quality assurance requirements of ISO-TS-16949 and verified during product qualification
as per AEC-Q100 grade 0.
AEC-Q100 qualification relies on temperature accelerated stress testing. High temperature
field usage however may result in less significant stress test acceleration. In order to prevent
the risk that ATtiny87/ATtiny167 lifetime would not satisfy the application end-of-life reliability
requirements, Atmel
® has extended the testing, whenever applicable (High Temperature
Operating Life Test, High Temperature Storage Life, Data Retention, Thermal Cycles), far
beyond the AEC-Q100 requirements. Thereby, Atmel verified the ATtiny87/ATtiny167 has a
long safe lifetime period after the grade 0 qualification acceptance limits.
The valid domain calculation depends on the activation energy of the potential failure mecha-
nism that is considered. Therefore any temperature mission profile which could exceed the
AEC-Q100 equivalence domain shall be submitted to Atmel for a thorough reliability analysis
Figure 2-1.
AEC-Q100 Lifetime Equivalence
AEC-Q100 Lifetime Equivalence
1
10
100
1000
10000
100000
1000000
0
204060
80
100
120
140
160
Temperature (°C)
HTOL 0,59eV
HTSL 0,45eV



Html Pages

1 2 3 4 5 6 7 8 9 10