Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATtiny85 Datasheet(PDF) 189 Page - ATMEL Corporation

No. de pieza ATtiny85
Descripción Electrónicos  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny85 Datasheet(HTML) 189 Page - ATMEL Corporation

Back Button ATtiny85 Datasheet HTML 185Page - ATMEL Corporation ATtiny85 Datasheet HTML 186Page - ATMEL Corporation ATtiny85 Datasheet HTML 187Page - ATMEL Corporation ATtiny85 Datasheet HTML 188Page - ATMEL Corporation ATtiny85 Datasheet HTML 189Page - ATMEL Corporation ATtiny85 Datasheet HTML 190Page - ATMEL Corporation ATtiny85 Datasheet HTML 191Page - ATMEL Corporation ATtiny85 Datasheet HTML 192Page - ATMEL Corporation ATtiny85 Datasheet HTML 193Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 196 page
background image
189
7598H–AVR–07/09
ATtiny25/45/85
28. Document Revision History
28.1
Revision 7598H - 07/09
1.
Absolute Maximum Ratings updated
28.2
Revision 7598G - 03/08
1.
Modified See “Power Management and Sleep Modes” on page 31.
2.
Modified See “MCU Control Register – MCUCR” on page 31.
3.
Modified Active Clock Domains and Wake-up Sources in the Different Sleep Modes33.
4.
Added “Limitations” on page 33.
5.
Modified “Power Reduction Register” on page 33.
28.3
Revision 7598F - 11/07
1.
Correction to ICC Active, Table 22-1 on page 150.
28.4
Revision 7598E - 03/07
1.
POR updated, see Section 8.3 on page 36.
28.5
Revision 7598D - 02/07
1.
Clarification of Power On Reset Specifications table, Table 8-1 on page 37.
2.
Errata list updated.
3.
Added QFN packages.
28.6
Revision 7598C - 09/06
1.
Correction of package codification and drawings.
28.7
Revision 7598B - 08/06
1.
Clarification of several TBD values
2.
Addition of the Power On Reset specification
3.
DC characteristics Limits completed after corner run characterization
4.
Typical Characteristic curves produced
28.8
Changes from Revision 2535A-09/01 to Revision 7598A-04/06
1.
Automotive grade created:
Features:
– Change voltage and temperature range (2.7V - 5.5V), (-40°C, +125°C)
– Adapt Stand-by current to automotive temperature range
Packages:
– PDIP removed
– Ordering info limited to Automotive versions (green only, dry pack)
DC & AC parameters
– Only PRELIMINARY values are produced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com